Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC510CPF
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510CPF Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC510CPF Datasheet HTML 4Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 5Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 6Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 7Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 8Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 9Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 10Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 11Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
3-26
TELCOM SEMICONDUCTOR, INC.
Analog Input Signal Integration Phase (INT)
The TC5xx integrates the differential voltage between
the (V+IN) and (V–IN) inputs. The differential voltage must be
within the device's common-mode range VCMR.
The input signal polarity is normally checked via soft-
ware at the end of this phase: CMPTR = 1 for positive
polarity; CMPTR = 0 for negative polarity.
Reference Voltage Deintegration Phase (DINT)
The previously charged reference capacitor is con-
nected with the proper polarity to ramp the integrator output
back to zero. An externally-provided, precision timer is used
to measure the duration of this phase. The resulting time
measurement is proportional to the magnitude of the applied
input voltage.
Integrator Output Zero Phase (IZ)
This phase guarantees the integrator output is at 0V
when the Auto Zero phase is entered and that only system
offset voltages are compensated. This phase is used at the
end of the reference voltage deintegration phase and MUST
be used for ALL TC5xx applications having resolutions of 12
bits or more. If this phase is not used, the value of the Auto-
Zero capacitor (CAZ) must be about 2 to 3 times the value of
the integration capacitor (CINT) to reduce the effects of
charge-sharing. The Integrator Output Zero phase should
be programmed to operate until the Output of the Compara-
tor returns "HIGH". The overall Timing System is shown in
Figure 8.
ANALOG SECTION
Differential Inputs (V
+
IN, V
–
IN)
The TC5xx operates with differential voltages within the
input amplifier common-mode range. The amplifier com-
mon-mode range extends from 1.5V below positive supply
to 1.5V above negative supply. Within this common-mode
voltage range, common-mode rejection is typically 80dB.
Full accuracy is maintained, however, when the inputs are
no less than 1.5V from either supply.
The integrator output also follows the common-mode
voltage. The integrator output must not be allowed to satu-
rate. A worst-case condition exists, for example, when a
large, positive common-mode voltage with a near full-scale
negative differential input voltage is applied. The negative
input signal drives the integrator positive when most of its
swing has been used up by the positive common-mode
voltage. For these critical applications, the integrator swing
can be reduced. The integrator output can swing within 0.9V
of either supply without loss of linearity.
Analog Common
Analog common is used as VIN return during system-
zero and reference deintegrate. If V
–
IN is different from analog
common, a common-mode voltage exists in the system.
This signal is rejected by the excellent CMR of the converter.
In most applications, V
–
IN will be set at a fixed known voltage
(i.e., power supply common). A common-mode voltage will
exist when V
–
IN is not connected to analog common.
Differential Reference (V
+
REF, V
–
REF)
The reference voltage can be anywhere within 1V of the
power supply voltage of the converter. Roll-over error is
caused by the reference capacitor losing or gaining charge
due to stray capacitance on its nodes. The difference in
reference for (+) or (–) input voltages will cause a roll-over
error. This error can be minimized by using a large reference
capacitor in comparison to the stray capacitance.
Phase Control Inputs (A, B)
The A, B unlatched logic inputs select the TC5xx oper-
ating phase. The A, B inputs are normally driven by a
microprocessor I/O port or external logic.
Table 1. Internal Analog Gate Status
Internal Analog Gate Status
Conversion Phase
SWI
SW
+
RI
SW
–
RI
SWZ
SWR
SW1
SWIZ
Auto-Zero (A = 0, B = 1)
Closed
Closed
Closed
Input Signal Integration
Closed
(A = 1, B = 0)
Reference Voltage
Closed*
Closed
Deintegration (A =1, B= 1)
Integrator Output Zero
Closed
Closed
Closed
(A = 0, B = 0)
*Assumes a positive polarity input signal. SW–RI would be closed for a negative input signal.
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com