Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 15 Page - TelCom Semiconductor, Inc

Part # TC510CPF
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510CPF Datasheet(HTML) 15 Page - TelCom Semiconductor, Inc

Back Button TC510CPF Datasheet HTML 9Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 10Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 11Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 12Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 13Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 14Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 15Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 16Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 17Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
3-33
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514
MICRO
CONTROLLER
+5V
5V
+
PIN 2
PIN 23
PIN 2
PIN 23
CINT
0.33
µF
VIN
TYPICAL WAVEFORMS
1
µF
1
µF
CAZ
0.22
µF
CREF
0.22
µF
VIN
RINT
100k
1
2
3
4
CAP
5
6
7
23
22
21
25
26
27
28
DGND
V
V
OUT
A
B
C
REF
C
INT
C
AZ
BUF
ACOM
TC514
CREF
REF
V
REF
–
+
–
–
+
–
CAP
+
V
DD
CMPTR
ANALOG
MUX LOGIC
INPUT 1+
INPUT 1–
INPUT 2+
INPUT 2–
INPUT 3+
INPUT 3–
INPUT4+
INPUT4–
18
13
A1
CH1+
17
12
CH2+
CH2–
16
11
CH3+
CH3–
15
10
CH4+
CH4–
22
19
A0
CH1–
9
8
C1, .01
µF
10k
10k
10k
+5V
TC05
+
–
Figure 11. TC514 to IBM Compatible Printer Port
Figure 10. TC514 Design Example (See "Design Example")
IBM
PRINTER PORT
PORT
0378
HEX
+5V
10k
Ω
100k
Ω
1
µF
1
µF
1
25
2
2
3
3
4
CAP –
5
6
7
8
23
10
22
21
9
26
27
28
DGND
V
OUT
V
DD
A
B
C
REF
TC514
TC04
+
+
–
BUF
0.22
µF
10k
10k
0.22
µF
0.01
µF
0.33
µF
CH1+
INPUT 1
+
18
–
13
INPUT 2
+
17
–
12
INPUT 3
+
16
–
11
INPUT 4
+
15
–
10
CAP+
C
REF
–
V
REF
–
V
REF
C
AZ
C
INT
ACOM
CH1
–
CH2+
CH2
–
CH3+
CH3
–
CH4+
CH4
–
CMPTR
ANALOG MUX
CONTROL LOGIC
A0
A1
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com