Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC510CPF
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510CPF Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC510CPF Datasheet HTML 8Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 9Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 10Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 11Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 12Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 13Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 14Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 15Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 16Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
3-30
TELCOM SEMICONDUCTOR, INC.
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514
Figure 8. Typical Dual Slope A/D Converter System Timing
,,



,,

AUTO -ZERO
INTEGRATE
FULL SCALE INPUT
REFERENCE
DEINTEGRATE
OVERSHOOT
INTEGRATOR
OUTPUT
ZERO
CONVERTER
STATUS
TIME
INTEGRATOR
VOLTAGE
COMPARATOR
OUTPUT
AB INPUTS
CONTROLLER
OPERATION
NOTES
COMPARATOR DELAY
BEGIN CONVERSION
WITH AUTO-ZERO PHASE
(POSITIVE INPUT SHOWN)
SAMPLE INPUT POLARITY
The length of this phase
is chosen almost arbitrarily
but needs to be long enough
to null out worst case errors
(see text)
MINIMIZING OVERSHOOT
WILL MINIMIZE I.O.Z. TIME
READY FOR NEXT
CONVERSION
(AUTO-ZERO IS IDLE
STATE)
TIME INPUT
INTEGRATION
PHASE
CAPTURE
DEINTEGRATION
TIME
INTEGRATOR
OUTPUT
ZERO PHASE
COMPLETE
UNDEFINED
A = 0
B = 1
A = 1
0 FOR NEGATIVE INPUT
1 FOR POSITIVE INPUT
B = 0
B = 1
B = 0
A = 1
A = 0
VINT
TYPICALLY = tINT
tINT
0
A
B
COMPARATOR DELAY +
PROCESSOR LATENCY
is that, during the initial stage of input integration when the
integrator voltage is low, the comparator may be affected by
noise and its output unreliable. Once integration is well
underway, the comparator will be in a defined state.
Reference Deintegration
The length of this phase must be precisely measured
from the transition of AB from 10 to 11 to the falling edge of
CMPTR. The comparator delay contributes some error in
timing this phase. The typical delay is specified to be 2
µsec.
This should be considered in the context of the length of a
single count when determining overall system performance
and possible single-count errors. Additionally, Overshoot
will result in charge accumulating on the integrator after its
output crosses zero. This charge must be nulled during the
Integrator Output Zero phase.
Integrator Output Zero phase
The comparator delay and the controller's response
latency may result in Overshoot causing charge buildup on
the integrator at the end of a conversion. This charge must
be removed or performance will degrade. The Integrator
Output Zero phase should be activated (AB = 00) until
CMPTR goes high. It is absolutely critical that this phase be
terminated immediately so that Overshoot is not allowed to
occur in the opposite direction. At this point, it can be
assured that the integrator is near zero. Auto Zero should be
entered (AB = 01) and the TC5xx held in this state until the
next cycle is begun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com