Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-16550-NET Datasheet(PDF) 9 Page - Actel Corporation

Part # MC-ACT-16550-NET
Description  Two Wire Serial Interface (TWSI)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-16550-NET Datasheet(HTML) 9 Page - Actel Corporation

  MC-ACT-16550-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Ordering Information:
Part Number
Hardware
Resale
MC-ACT-16550-NET
Actel 16550 Netlist
Contact for pricing
MC-ACT-16550-VLOG
Actel 16550 Verilog
Contact for pricing
www.em.avnet.com/actel
Copyright © 2006 Avnet, Inc. AVNET and the AV logo are registered trademarks of Avnet, Inc. All other brands are the property of their respective owners.
AEM-MC-ACT-16550-DS v.1.0-July 2006
Contact Information:
North America
10805 Rancho Bernardo Road
Suite 100
San Diego, California 92127
United States of America
TEL:
+1 858 385 7500
FAX:
+1 858 385 7770
Europe, Middle East & Africa
Mattenstrasse 6a
CH-2555 Brügg BE
Switzerland
TEL:
+41 0 32 374 32 00
FAX:
+41 0 32 374 32 01
Device Requirements
Family
Device
Utilization
Performance
COMB
SEQ
Tiles
Axcelerator
AX125
20%
21%
n/a
76 MHz
ProASICPLUS
APA075
n/a
n/a
21%
59 MHz
ProASIC3
A3P250
n/a
n/a
10%
67 MHz
Table 3: Device Utilization and Performance
Recommended Design Experience
For the source version, users should be familiar with HDL entry and Actel design flows. Users should be familiar with Actel Libero Integrated Design Environment
(IDE) and preferably with Synplify and ModelSim. Users should also have experience with microprocessor systems and asynchronous communication controllers.
Ordering Information
The CORE is provided under license from Avnet Memec for use in Actel programmable logic devices. Please contact Avnet Memec for pricing and more information.
Information furnished by Avnet Memec is believed to be accurate and reliable. Avnet Memec reserves the right to change specifications detailed in this data sheet at
any time without notice, in order to improve reliability, function or design, and assumes no responsibility for any errors within this document. Avnet Memec does not
make any commitment to update this information.
Avnet Memec assumes no obligation to correct any errors contained herein or to advise any user of this text of any correction, if such be made, nor does the
Company assume responsibility for the functioning of undescribed features or parameters. Avnet Memec will not assume any liability for the accuracy or correctness
of any support or assistance provided to a user.
Avnet Memec does not represent that products described herein are free from patent infringement or from any other third-party right. No license is granted by
implication or otherwise under any patent or patent rights of Avnet Memec.
Avnet Memec products are not intended for use in life support appliances, devices, or systems. Use of a Avnet Memec product in such application without the written
consent of the appropriate Avnet Memec officer is prohibited.
All trademarks, registered trademarks, or service marks are property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com