Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-16550-NET Datasheet(PDF) 3 Page - Actel Corporation

Part # MC-ACT-16550-NET
Description  Two Wire Serial Interface (TWSI)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-16550-NET Datasheet(HTML) 3 Page - Actel Corporation

  MC-ACT-16550-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Address Vector
Applicable to the following core configurations:
Master-Only
Master-Slave
Slave-Only
Yes
Yes
Undefined
The bits in this vector are defined as follows:
6
5
4
3
2
1
0
ADDR_IN[6]
ADDR_IN[5]
ADDR_IN[4]
ADDR_IN[3]
ADDR_IN[2]
ADDR_IN[1]
ADDR_IN[0]
Figure 4: Address Vector
The address vector (ADDR_IN[6:0]) is written with the 7-bit I2C address that will be transmitted during the address phase of the I2C bus transaction.
Data Input Vector
Applicable to the following core configurations:
Master-Only
Master-Slave
Slave-Only
Yes
Yes
Yes
The bits in this vector are defined as follows:
7
6
5
4
3
2
1
0
DATA_IN[7]
DATA_IN[6]
DATA_IN[5]
DATA_IN[4]
DATA_IN[3]
DATA_IN[2]
DATA_IN[1]
DATA_IN[0]
Figure 3: Data Input Vector
The data input vector (DATA_IN[7:0]) is written with a byte that will be transmitted during the data phase of the I2C bus transaction.
Status Vector
Applicable to the following core configurations:
Master-Only
Master-Slave
Slave-Only
Yes
Yes
Yes
The bits in this vector are defined as follows:
Master Only
5
4
3
2
1
0
Not
Implemented
Not
Implemented
Not
Implemented
Not
Implemented
BUSLOSS
SLAVE
TIMEOUT
Master Slave
5
4
3
2
1
0
HDWE_GC
GC_RST
GC_ADDR
GC_BUSY
BUSLOSS
SLAVE
TIMEOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com