Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-16550-NET Datasheet(PDF) 5 Page - Actel Corporation

Part # MC-ACT-16550-NET
Description  Two Wire Serial Interface (TWSI)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-16550-NET Datasheet(HTML) 5 Page - Actel Corporation

  MC-ACT-16550-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SHIFT LOGIC
The basic cycle on the TWSI serial interface consists of an address cycle followed by data cycle(s). The address consists of seven bits and the read/write bit (the
LSB). The MSB is always transmitted first on the SDA line. The data cycle can either be a read or a write. For a write operation, the core shifts the data from the
DATA_IN Register onto the SDA line. For a read operation, the core captures the data into the Shift Register. The host can read the Shift Register contents via the
DATA_OUT Register. The data cycle can end in three different ways:
1. A stop can be generated which terminates the current cycle
2. Another data cycle can take place (a burst)
3. A repeated start can be generated by the interface
For each byte read, DATA_VLD will be asserted for one clock to tell the host that valid data is on DATA_OUT. For each byte written, REQ_DATA will be asserted for
one clock to ask the host for another byte of data to send.
A repeated start is used to turn the bus around; when a read cycle must be followed directly by a write cycle without a stop in-between. Since the READ bit is a part
of the address, if a read followed by write is desired without a stop command, a second address must be issued following the data cycle. The sequence of events in a
repeated start cycle is: start, address cycle, data cycle, repeated start, address cycle, data cycle, stop. Each of the data cycles can be repeated if bursting is desired,
and the stop cycle could actually be another repeated start, if desired.
GENERAL CALL ADDRESSING
The General Call Address is used to address and send data to every node on the I2C bus and is enabled by bit 48 of the configuration vector (CFG[48]). Not all
devices are required to support General Call. Nodes not requiring the data sent within a General Call data transfer can ignore the transfer by not acknowledging the
address. If a node does require the data sent with a General Call it will acknowledge the address and behave as a slave receiver for the subsequent bytes. If any
given slave cannot process any of the subsequent bytes during the transfer, it must ignore the byte by not acknowledging. The behavior for a General Call transfer is
specified in the second byte, and is determined by the LSB.
When the LSB of the second byte is a ‘0’, the second byte can have the following definition:
“00000110” (H’06’) – Write the slave address (the third byte to be sent) and then reset. All devices receiving this two-byte sequence will treat the third byte to be sent
as their new I2C address and will then reset. Care must be taken by the slave nodes not to drive (pull down) the SDA or SCL lines while resetting to avoid blocking
the bus.
“00000100” (H’04’) – Write the slave address (the third byte to be sent) and do not reset. All devices receiving this two-byte sequence will treat the third byte to be
sent as their new I2C address. The node will not reset.
“00000000” (H’00’) – This byte is not allowed to be sent as the second byte.
All other bytes in the second byte of the transfer have not been specified and nodes are generally required (per the Philips I2C specification) to ignore them.
When the LSB of the second byte is a ‘0’, the second byte will be a ‘Hardware General Call’. This means that a master node on the I2C, which cannot be pro-
grammed to send a specific slave address, needs the attention of another node to facilitate a transfer. This is typical of embedded hardware nodes such as keyboard
scanners. Since a hardware master can’t be programmed to address a specific node to which it needs to transfer data, it can only initiate a General Call followed
by its own address to identify itself to the system. The seven upper bits of the second byte contain the address of the hardware master. An intelligent device then
recognizes this address on the I2C bus, which will direct the information from the hardware master.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com