Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-16550-NET Datasheet(PDF) 6 Page - Actel Corporation

Part # MC-ACT-16550-NET
Description  Two Wire Serial Interface (TWSI)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-16550-NET Datasheet(HTML) 6 Page - Actel Corporation

  MC-ACT-16550-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SIGNAL NAMES
Signal
Direction
Description
CLK
Input
The primary clock used for all circuits in this interface.
RESET
Input
Active-high asynchronous reset.
START
Input
Strobe to start TWSI bus cycle.
ENABLE
Input
WHEN ASSERTED THE CORE WILL BE ENABLED. THIS MUST BE DRIVEN FROM A REGISTER.
STDFAST_N
Input
Select TWSI transfer speed mode. Set to ‘1’ for standard (100 kHz) or set to ‘0’ for fast (400 kHz).
DATA_IN[7:0]
Input
The data input vector.
ADDR_IN[6:0]
Input
The address input vector.
TWSI_CMD[2:0]
Input
The command input vector. Tells the core what TWSI command to perform (read/write, stop, repeated
start).
CFG[127:0]
Input
MC-TWSI configuration vector. Configures the options for the MC-TWSI core (SCL timer values, TWSI
mode, etc.).
DATA_VLD
Output
Asserted for one clock cycle to indicate a data byte has been received on the TWSI bus and is available
on DATA_OUT.
REQ_DATA
Output
Asserted for one clock cycle indicate a data byte is requested when sourcing data. Can be used to incre-
ment a data pointer.
FIRST_BYTE
Output
Indicates the byte just received is the first data byte (of what may be a burst). Can be used as an enable
to latch the data byte (on DATA_OUT) as an offset in to a register or memory array.
STATUS[5:0]
Output
The STATUS bits are always available and are cleared when START is strobed.
DATA_OUT[7:0]
Output
The DATA_OUT port contains the data byte just received on the TWSI bus and is qualified with DATA_VLD
at the completion of a TWSI data phase.
SDA_IN
Input
This is the serial data line open collector input.
SDA_OUT
Output
This is the serial data line open collector output.
SCL_IN
Input
This is the serial clock line open collector input.
SCL_OUT
Output
This is the serial clock line open collector output.
SDA
External
TWSI serial data line.
SCL
External
TWSI serial clock line.
Table 2: Core and External Signal Pinout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com