Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-16550-NET Datasheet(PDF) 2 Page - Actel Corporation

Part # MC-ACT-16550-NET
Description  Two Wire Serial Interface (TWSI)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-16550-NET Datasheet(HTML) 2 Page - Actel Corporation

  MC-ACT-16550-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-16550-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Functional Description
The diagram on the first page shows the Block Diagram of the MC-ACT-16550 Core. The core is partitioned into modules. These modules are described below.
INTERFACE CONTROL LOGIC
The core is configured via a configuration vector (CFG[127:0]). This vector contains information required for proper operation of the core. The command vector input
(TWSI_CMD[2:0]) is used to instruct the core what operation to perform. The contents of the input and output vectors are as follows:
Configuration Vector
Applicable to the following core configurations:
Master-Only
Master-Slave
Slave-Only
Yes
Yes
Yes
The bits of the Configuration Vector are defined as follows:
Configuration Bits
Description
CFG[6:0]
TWSI Slave’s Own Address
CFG[7]
Reserved
CFG[19:8]
SCL BusFree (arbitration) Timer Value for Standard Speed
CFG[31:20]
SCL HI Timer Value for Standard Speed
CFG[43:32]
SCL LO Timer Value for Standard Speed
CFG[45:44]
TWSI Mode (Master-Only, Slave-Only, Master-Slave)
CFG[46]
Enable the SCL Glitch Filters
CFG[47]
Enable two extra CLK periods of hold time on SDA from the falling edge of SCL.
CFG[48]
Enable General Call Addressing
CFG[60:49]
SCL BusFree (arbitration) Timer Value for Fast Speed
CFG[72:61]
SCL HI Timer Value for Fast Speed
CFG[84:73]
SCL LO Timer Value for Fast Speed
CFG[127:85]
Reserved
Table 1: Configuration Vector
Command Vector
Applicable to the following core configurations:
Master-Only
Master-Slave
Slave-Only
Yes
Yes
Undefined
The bits in this vector are defined as follows:
2
1
0
RESTART
STOP
READ
Figure 1: Command Vector
These three bits of the command vector control the operation performed on the serial interface. The READ bit determines if the operation will be a read (high) or a
write (low). The STOP bit will determine if the cycle will stop at the end of the data cycle, or continue on to a burst. The REPEATED START bit will cause the genera-
tion of a repeated start protocol.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com