Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01APZ Datasheet(PDF) 36 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 36 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 32Page - Texas Instruments TSB12C01APZ Datasheet HTML 33Page - Texas Instruments TSB12C01APZ Datasheet HTML 34Page - Texas Instruments TSB12C01APZ Datasheet HTML 35Page - Texas Instruments TSB12C01APZ Datasheet HTML 36Page - Texas Instruments TSB12C01APZ Datasheet HTML 37Page - Texas Instruments TSB12C01APZ Datasheet HTML 38Page - Texas Instruments TSB12C01APZ Datasheet HTML 39Page - Texas Instruments TSB12C01APZ Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
4–6
Table 4–6. Isochronous-Receive Functions
FIELD NAME
DESCRIPTION
dataLength
This field indicates the number of bytes in this packet
TAG
This field indicates the format of data carried by isochronous packet (00 = formatted, 01 – 11 are
reserved).
chanNum
This field contains the channel number with which this data is associated
tCode
This field carries the transaction code for this packet (tCode = Ah).
sy
This field carries the transaction layer-specific synchronization bits.
isochronous data
This field has the data to be sent with this packet. The first byte of data must appear in byte 0 of
the first quadlet of this field. The last quadlet should be padded with zeros.
spd
This field indicates the speed at which this packet was sent.
errCode
This field indicates whether this packet was received correctly. The possibilities are Complete,
DataErr, or CRCErr and have the same encoding as the corresponding acknowledge codes.
4.4
Snoop
The format of the snoop data is shown in Figure 4–7. The receiver module can be directed to receive any
and all packets that pass by on the serial bus. In this mode, the receiver presents the data received to the
receive-FIFO interface.
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
snooped_data
spd
ackSnpd
snpStat
Figure 4–7. Snoop Format
Table 4–7. Snoop Functions
FIELD NAME
DESCRIPTION
snooped_data
This field contains the entire packet received or as much as could be received.
spd
This field carries the speed at which this packet was sent.
snpStat
This field indicates whether the entire packet snooped was received correctly. A value equal to the
complete acknowledge code indicates complete reception. A busyA or busyB acknowledge code
indicates incomplete reception.
ackSnpd
This field indicates the acknowledge seen on the bus after the packet is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com