Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01APZ Datasheet(PDF) 29 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 25Page - Texas Instruments TSB12C01APZ Datasheet HTML 26Page - Texas Instruments TSB12C01APZ Datasheet HTML 27Page - Texas Instruments TSB12C01APZ Datasheet HTML 28Page - Texas Instruments TSB12C01APZ Datasheet HTML 29Page - Texas Instruments TSB12C01APZ Datasheet HTML 30Page - Texas Instruments TSB12C01APZ Datasheet HTML 31Page - Texas Instruments TSB12C01APZ Datasheet HTML 32Page - Texas Instruments TSB12C01APZ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
3–13
3.3.5
RAM Test Mode
The purpose of RAM test mode is to test the RAM with writes and reads. During RAM test mode, RAM, which
makes up the ATF, ITF, and GRF, is accessed directly from the host bus. Different data is written to and read
back from the RAM and compared with what was expected to be read back. ATF status, ITF status, and GRF
status are not changed during RAM test mode, but the stored data in RAM is changed by any write
transaction. To enable RAM test mode, set regRW bit and RAMTest bit of the diagnostics register. Before
beginning any read or write to the RAM, the Adr_clr bit of the diagnostics register should be set to clear the
internal RAM address counter. This action also clears the Adr_clr bit.
During RAM test mode, the host bus address should be 80h. The first host bus transaction (either read or
write) accesses location 0 of the RAM. The second host bus transaction accesses location 1 of the RAM.
The nth host bus transaction accesses location n–1 of the RAM. After each transaction, the internal RAM
address counter is incremented by one.
The RAM has 512 locations with each location containing 33 bits. The most significant bit is the control bit.
When the control bit is set, that indicates the quadlet is the start of the packet. In order to set the control bit,
Control-bit1 of the diagnostics register has to be set. In order to clear the control bit, Control_bit1 of the
diagnostics register has to be cleared. When a write occurs, the 32 bits of data from the host bus is written
to the low order 32 bits of the RAM and the value in Control-bit1 is written to the control bit. When a read
occurs, the low order 32 bits of RAM are sent to the host data bus and the control bit is compared to
Control_bit1. If the control bit and Control_bit1 do not match, Control_bit_err of the diagnostics register is
set. This does not stop operation and another read or write can immediately be transmitted. To clear
Control_bit_err, set Adr_clr of the diagnostics register, or transact another write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com