Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01APZ Datasheet(PDF) 26 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 26 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 22Page - Texas Instruments TSB12C01APZ Datasheet HTML 23Page - Texas Instruments TSB12C01APZ Datasheet HTML 24Page - Texas Instruments TSB12C01APZ Datasheet HTML 25Page - Texas Instruments TSB12C01APZ Datasheet HTML 26Page - Texas Instruments TSB12C01APZ Datasheet HTML 27Page - Texas Instruments TSB12C01APZ Datasheet HTML 28Page - Texas Instruments TSB12C01APZ Datasheet HTML 29Page - Texas Instruments TSB12C01APZ Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
3–10
3.2.10
ITF Status Register
The ITF status register allows access to the registers that control or monitor the ITF. The register is at
address 34h. All the FIFO flag bits are read only, and the FIFO control bits are read/write. Its initial value
is 0000_0000h.
Table 3–10. ITF Status Register
BITS
ACRONYM
FUNCTION NAME
DESCRIPTION
0
Full
ITF full flag
When Full is set, the FIFO is full and all writes are ignored.
1
AlF
ITF almost-full flag
When AlF is set, the FIFO can accept only one more write.
2–3
Reserved
Reserved
Reserved
4
4AV
ITF-4-available flag
When 4AV is set, the FIFO has space for at least four more quadlets.
5–13
Reserved
Reserved
Reserved
14
AlE
ITF-almost-empty flag
When AlE is set, the FIFO has only one quadlet in it.
15
Empty
ITF-empty flag
When Empty is set, the FIFO is empty.
16 – 18
Reserved
Reserved
Reserved
19
Clr
ITF-clear control bit
When Clr is set by software/firmware, the FIFO is cleared of all
entries.
20 – 22
Reserved
Reserved
Reserved
23 – 31
Size
ITF-size control bits
The size is equal to the ITF size number in quadlets.
3.2.11
GRF Status Register
The GRF status register allows access to the registers that control or monitor the GRF. The register is at
address 3Ch. All the FIFO flag bits are read only, and the FIFO control bits are read/write. Its initial value
is 0000_0000h.
Table 3–11. GRF Status Register
BITS
ACRONYM
FUNCTION NAME
DESCRIPTION
0
Full
GRF full flag
When Full is set, the FIFO is full.
1
AlF
GRF-almost-full flag
When AlF is set, the FIFO can accept only one more write.
2–11
Reserved
Reserved
Reserved
12
4Th
GRF four there
When 4Th is set, the FIFO has at least four quadlets in it.
13
Reserved
Reserved
Reserved
14
AlE
GRF-almost-empty
flag
When AlE is set, the FIFO has one quadlet in it.
15
Empty
GRF-empty flag
When Empty is set, the FIFO is empty and reads are ignored.
16
cd
GRF control bit
This is the control bit for the GRF. When cd is set, either the first
quadlet of a packet is being read from the GRF_Data address, or the
final quadlet (trailer quadlet) of a packet is being read from the GRF
data address. See Section 4 for descriptions of received packet
formats.
17 – 18
Reserved
Reserved
Reserved
19
Clr
GRF-clear control bit
When Clr is set by software/firmware, the FIFO is cleared of all
entries.
20 – 22
Reserved
Reserved
Reserved
23 – 31
Size
GRF-size control bits
The size is equal to the GRF size number in quadlets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com