Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01APZ Datasheet(PDF) 43 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 43 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 39Page - Texas Instruments TSB12C01APZ Datasheet HTML 40Page - Texas Instruments TSB12C01APZ Datasheet HTML 41Page - Texas Instruments TSB12C01APZ Datasheet HTML 42Page - Texas Instruments TSB12C01APZ Datasheet HTML 43Page - Texas Instruments TSB12C01APZ Datasheet HTML 44Page - Texas Instruments TSB12C01APZ Datasheet HTML 45Page - Texas Instruments TSB12C01APZ Datasheet HTML 46Page - Texas Instruments TSB12C01APZ Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
5–3
5.4
Host-Interface Timing Requirements, TA = 25°C (see Note 5)
PARAMETER
MIN
MAX
UNIT
tc1
Cycle time, BCLK (see Figure 6–1)
30
111
ns
tw1(H)
Pulse duration, BCLK high (see Figure 6–1)
10
ns
tw1(L)
Pulse duration, BCLK low (see Figure 6–1)
10
ns
tsu1
Setup time, DATA0 – DATA31 valid before BCLK
↑ (see Figure 6–2)
4
ns
th1
Hold time, DATA0 – DATA31 invalid after BCLK
↑ (see Figure 6–2)
2
ns
tsu2
Setup time, ADDR0 – ADDR7 valid before BCLK
↑ (see Figures 6–2 and 6–3)
12
ns
th2
Hold time, ADDR0 – ADDR7 invalid after BCLK
↑ (see Figures 6–2 and 6–3)
2
ns
tsu3
Setup time, CS
↓ before BCLK↑ (see Figures 6–2 and 6–3)
12
ns
th3
Hold time, CS
↑ after BCLK↑ (see Figures 6–2 and 6–3)
2
ns
tsu4
Setup time, WR valid before BCLK
↑ (see Figures 6–2 and 6–3)
12
ns
th4
Hold time, WR invalid after BCLK
↑ (see Figures 6–2 and 6–3)
2
ns
NOTE 5: These parameters are not production tested.
5.5
Host-Interface Switching Characteristics Over Operating Free-Air
Temperature Range of 0
°C to 70°C, CL = 45 pF (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
td1
Delay time, BCLK
↑ to CA↓ (see Figure 6–2)
4
16
ns
td2
Delay time, BCLK
↑ to CA↑ (see Figure 6–2)
4
16
ns
td3
Delay time, BCLK
↑ to DATA0 – DATA31 valid (see Figure 6–3 and Note 5)
4
24
ns
td4
Delay time, BCLK
↑ to DATA0 – DATA31 invalid (see Figure 6–3 and Note 5)
4
24
ns
NOTE 5: These parameters are not production tested.
5.6
Phy-Interface Timing Requirements Over Operating Free-Air
Temperature Range of 0
°C to 70°C (see Note 5)
PARAMETER
MIN
MAX
UNIT
tc2
Cycle time, SCLK (see Figure 6–4)
20.24
20.45
ns
tw2(H)
Pulse duration, SCLK high (see Figure 6–4)
9
ns
tw2(L)
Pulse duration, SCLK low (see Figure 6–4)
9
ns
tsu5
Setup time, D0 – D7 valid before SCLK
↑ (see Figure 6–6)
6
ns
th5
Hold time, D0 – D7 invalid after SCLK
↑ (see Figure 6–6)
1
ns
tsu6
Setup time, CTL0 – CTL1 valid before SCLK
↑ (see Figure 6–6)
6
ns
th6
Hold time, CTL0 – CTL1 invalid after SCLK
↑ (see Figure 6–6)
1
ns
NOTE 5: These parameters are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com