Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01APZ Datasheet(PDF) 15 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 11Page - Texas Instruments TSB12C01APZ Datasheet HTML 12Page - Texas Instruments TSB12C01APZ Datasheet HTML 13Page - Texas Instruments TSB12C01APZ Datasheet HTML 14Page - Texas Instruments TSB12C01APZ Datasheet HTML 15Page - Texas Instruments TSB12C01APZ Datasheet HTML 16Page - Texas Instruments TSB12C01APZ Datasheet HTML 17Page - Texas Instruments TSB12C01APZ Datasheet HTML 18Page - Texas Instruments TSB12C01APZ Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
2–3
CYCLEOUT indicates to the cyclemaster node that it is time to send a cycle-start packet. And, on
noncyclemaster nodes, CYCLEOUT indicates that it is time to expect a cycle-start packet. The cycle-start
bit is set when the cycle-start packet is sent from the cyclemaster node or received by a noncyclemaster
node.
2.1.6
Cycle Monitor
The cycle monitor is only used by nodes that support isochronous data transfer. The cycle monitor observes
chip activity and handles scheduling of isochronous activity. When a cycle-start message is received or sent,
the cycle monitor sets the cycle-started interrupt bit. It also detects missing cycle-start packets and sets the
cycle-lost interrupt bit when this occurs. When the isochronous cycle is complete, the cycle monitor sets the
cycle-done-interrupt bit. The cycle monitor instructs the transmitter to send a cycle-start message when the
cycle-master bit is set in the control register.
2.1.7
Cyclic Redundancy Check (CRC)
The CRC module generates a 32-bit CRC for error detection. This is done for both the header and data. The
CRC module generates the header and data CRC for transmitting packets and checks the header and data
CRC for received packets. See the IEEE 1394-1995 standard for details on the generation of the CRC†.
2.1.8
Internal Registers
The internal registers control the operation of the TSB12C01A. The register definitions are specified in
Section 3.
2.1.9
Host Bus Interface
The host bus interface allows the TSB12C01A to be easily connected to most host processors. This host
bus interface consists of a 32-bit data bus and an 8-bit address bus. The TSB12C01A utilizes cycle-start
and cycle-acknowledge handshake signals to allow the local bus clock and the 1394 clock to be
asynchronous to one another. The TSB12C01A is interrupt driven to reduce polling.
† This is the same CRC used by the IEEE802 LANs and the X3T9.5 FDDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com