Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01APZ Datasheet(PDF) 45 Page - Texas Instruments

Part # TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 41Page - Texas Instruments TSB12C01APZ Datasheet HTML 42Page - Texas Instruments TSB12C01APZ Datasheet HTML 43Page - Texas Instruments TSB12C01APZ Datasheet HTML 44Page - Texas Instruments TSB12C01APZ Datasheet HTML 45Page - Texas Instruments TSB12C01APZ Datasheet HTML 46Page - Texas Instruments TSB12C01APZ Datasheet HTML 47Page - Texas Instruments TSB12C01APZ Datasheet HTML 48Page - Texas Instruments TSB12C01APZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
6–1
6 Parameter Measurement Information
tw1(L)
50%
50%
BCLK
tw1(H)
50%
tc1
Figure 6–1. BCLK Waveform
tsu1
tsu2
tsu3
tsu4
th1
th2
th3
th4
td1
td2
50%
50%
50%
50%
50%
50%
50%
BCLK
DATA0 – DATA31
ADDR0 – ADDR7
CA
(see Note A)
WR
CS
NOTE A: When back-to-back write cycles are done, a maximum of 9 BCLK cycles may be required after the falling edge
of CS before CA is asserted (low). DATA0 – DATA31, ADDR0 – ADDR7, and WR need to remain valid until
CA is asserted (low). These cycles are to synchronize data passing between the BCLK and SCLK clock
domains.
Figure 6–2. Host-Interface Write-Cycle Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com