Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2500DTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA2500DTR
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500DTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA2500DTR Datasheet HTML 21Page - STMicroelectronics STA2500DTR Datasheet HTML 22Page - STMicroelectronics STA2500DTR Datasheet HTML 23Page - STMicroelectronics STA2500DTR Datasheet HTML 24Page - STMicroelectronics STA2500DTR Datasheet HTML 25Page - STMicroelectronics STA2500DTR Datasheet HTML 26Page - STMicroelectronics STA2500DTR Datasheet HTML 27Page - STMicroelectronics STA2500DTR Datasheet HTML 28Page - STMicroelectronics STA2500DTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
STA2500D
General specification
Doc ID 16067 Rev 1
25/57
Initial carrier frequency tolerance (for an exact reference)(5)
ΔF
|f_TX-f0|
-
-
0
-
kHz
Carrier frequency stability(6)
|
Δf_s|
Carrier frequency stability
-
-
3.2
10
kHz
Carrier frequency drift(7)
|
Δf_p1|
One slot packet
-
-
12
25
kHz
|
Δf_p3|
Three slots packet
-
-
14
40
kHz
|
Δf_p5|
Five slots packet
-
-
14
40
kHz
Carrier frequency drift rate(7)
|
Δf/50us|
Frequency drift rate
-
-
8/50
20/50
kHz/µs
Modulation accuracy (6) (7) (8)
Δf1avg
Maximum modulation
-
140
163
175
kHz
Δf2max
Minimum modulation
-
115
135
-
kHz
Δf1avg/Δf2avg
-0.8
0.9
-
-
2-DH5 RMS DEVM
-
-
8
20
%
-
2-DH5 99% DEVM
-
-
-
30
%
-
2-DH5 Peak DEVM
-
-
21
35
%
-
3-DH5 RMS DEVM
-
-
8
13
%
-
3-DH5 99% DEVM
-
-
-
20
%
-
3-DH5 Peak DEVM
-
-
21
25
%
TX out of band emission
E850
Emission in GSM band 850 MHz BW = 200 kHz (7) (9) (10)
--79
-76
dBm
E900
Emission in GSM band 900 MHz BW = 200 kHz (7) (9) (10)
--79
-76
dBm
E1500
Emission in GPS band
BW = 200 kHz (7) (9) (10)
--85
-84
dBm
E1800
Emission in GSM band 1800 MHz BW = 200 kHz (7) (9) (10)
--87
-84
dBm
E1900
Emission in GSM band 1900 MHz BW = 200 kHz (7) (9) (10)
--87
-84
dBm
Ewcdma
Emission in WCDMA band
BW = 3.8 MHz (7) (9) (10)
--78
-75
dBm
1.
Lower transmit power (i.e. Class 2) can be obtained by programming the radio init power table via software parameter
download or an HCI command.
2.
Power of GFSK part.
3.
Relative power of EDR part compared to the GFSK part.
4.
At antenna with maximum output power, filter attenuation of 2.3 dB.
5.
Phase noise will add maximum [-10 kHz;10 kHz] for worst case clock 270 mVpp at 13 MHz.
6.
Worst case clock 270 mVpp at 13 MHz. Measurement according to EDR RF test spec V2.0.E.3 [].
7.
With maximum output power (BR or EDR).
8.
Measured on reference design STLC2555_rev1.1 following eBOM and layout recommendations.
9.
Measurement bandwidth.
10. Transmitting DH5 packets.
Table 19.
Transmitter parameters (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com