Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2500DTR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA2500DTR
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500DTR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA2500DTR Datasheet HTML 46Page - STMicroelectronics STA2500DTR Datasheet HTML 47Page - STMicroelectronics STA2500DTR Datasheet HTML 48Page - STMicroelectronics STA2500DTR Datasheet HTML 49Page - STMicroelectronics STA2500DTR Datasheet HTML 50Page - STMicroelectronics STA2500DTR Datasheet HTML 51Page - STMicroelectronics STA2500DTR Datasheet HTML 52Page - STMicroelectronics STA2500DTR Datasheet HTML 53Page - STMicroelectronics STA2500DTR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Package information
STA2500D
50/57
Doc ID 16067 Rev 1
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 24.
LFBGA48 (6x6x1.4mm) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.250
0.0492
A1
0.210
0.0083
A2
0.890
0.0350
A3
0.300
0.0118
A4
0.600
0.0236
b
0.350
0.400
0.450 0.0138 0.0157 0.0177
D
5.850
6.000
6.150 0.2303 0.2362 0.2421
D1
4.800
0.1890
E
5.850
6.000
6.150 0.2303 0.2362 0.2421
E1
4.800
0.1890
e
0.800
0.0315
F
0.600
0.0236
ddd
0.100
0.0039
eee
0.150
0.0059
fff
0.080
0.0031
LFBGA48
Low profile Fine Pitch Ball Grid Array
8092328 B
Body: 6 x 6 x 1.4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com