Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2500DTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA2500DTR
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500DTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA2500DTR Datasheet HTML 38Page - STMicroelectronics STA2500DTR Datasheet HTML 39Page - STMicroelectronics STA2500DTR Datasheet HTML 40Page - STMicroelectronics STA2500DTR Datasheet HTML 41Page - STMicroelectronics STA2500DTR Datasheet HTML 42Page - STMicroelectronics STA2500DTR Datasheet HTML 43Page - STMicroelectronics STA2500DTR Datasheet HTML 44Page - STMicroelectronics STA2500DTR Datasheet HTML 45Page - STMicroelectronics STA2500DTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Digital interfaces
STA2500D
42/57
Doc ID 16067 Rev 1
positive edge of SPI_CLK. When SPI_CSN is inactive, this BT Controller output is in
tristate mode.
●
SPI_DI (on pin BT_UART_RXD/BT_SPI_DI): data transfer from Master to Slave. Data
is generated on the negative edge of SPI_CLK by the Master and sampled on the
positive edge of SPI_CLK.
●
SPI_INT (on pin BT_HOST_WAKEUP/BT_SPI_INT): interrupt from the Slave, used to
request an SPI transfer by the Slave to the Master. The signal is active high (Host input
must be level sensitive).
The SPI interface is Master at the Host side, and Slave at Bluetooth Controller side. It is
designed to work with the H4 and enhanced H4 protocol. Also synchronous data packet
transfer (eSCO) over HCI is supported.
The SPI data length and endianness are configurable.
The SPI interface can only operate in half duplex mode.
Also the use of flow control is configurable. The flow control consists of an indication from
the Bluetooth Controller whether its receive buffers are ready to receive data. This indication
is available in three ways:
●
On the SPI_DO during TSCS (time between SPI_CSN becoming active and SPI_CLK
becoming high), see FC in Figure 17 and Tscs in Figure 18
●
In a register that can be read by the Host
●
Optionally on one of the programmable GPIOs: GPIO_16. This is enabled by a SW
parameter download, see Section 7.5
The default SPI configuration is:
●
Half duplex mode
●
16 bit data length
●
Most significant byte first
●
Most significant bit first
●
Flow control on SPI_DO and in a register
More detailed information on the SPI interface is available upon request.
Figure 17.
SPI data transfer timing for data length of 8 bits and lsb first, full duplex
Z
FC
b0
b1b2b3b4b5b6b7
Z
b0
b1
b2
b3
b4
b5
b6
b7
SPI_CSN
SPI_CLK
SPI_DO
SPI_DI
SPI_INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com