| Electronic Components Datasheet Search |
|
STA2500DTR Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2500DTR Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 57 page ![]() STA2500D General specification Doc ID 16067 Rev 1 35/57 Figure 10. Deep sleep mode entry and wake-up through H4 SPI Deep sleep mode entry and wake-up through H4 UART or H4 SPI with handshake This method is supported by both H4 UART and H4 SPI. The description below is for H4 UART. It requires BT_CLK_REQ_OUT_1, BT_WAKEUP and BT_HOST_WAKEUP. The BT_WAKEUP is used as wake-up signal from the Host, the BT_CLK_REQ_OUT_1 requires the clock from the Host and BT_HOST_WAKEUP is used as a wake-up signal from the Bluetooth Controller. ● Deep sleep mode entry The Host tells the STA2500D that it can go in Deep Sleep mode by forcing the BT_WAKEUP of the STA2500D to ‘0’. The STA2500D decides to go in Deep Sleep mode, or not, depending on its scheduled activity and on the number of events or data packets to be sent to the Host. In case it decides to go in Deep Sleep mode, it asserts BT_CLK_REQ_OUT_1 low to tell the Host that it does not need the clock anymore. On the contrary, if it still wants the interface active for up-transmission, it keeps BT_HOST_WAKEUP to ‘1’ as long as needed before de-asserting BT_CLK_REQ_OUT_1. This is illustrated in Figure 11. ● Deep sleep mode wake-up The wake-up procedure can be initiated by the Host or by the STA2500D. In the latter case, it can be with or without communication, depending if there are data to be transmitted to the Host. 1. Wake-up initiated by the Host The Host sets the BT_WAKEUP pin of the STA2500D to ‘1’. Then the STA2500D asks the Host to restart the system clock by setting BT_CLK_REQ_OUT_1 to ‘1’. When the clock is available and stable, the STA2500D puts BT_UART_RTS low to allow communication. In case the STA2500D wants to send events to the Host, it then puts Active Sleep Mode Mode SPI off BB SPI on HOST_WAKEUP=‘ 1’ or ‘ 0’ CLK_REQ_OUT_1 = ‘ A’ : Active high/low ‘ P’ : Passive low/high Active Sleep Mode BB Host: BT_WAKEUP=‘0’ SPI off Host: BT_WAKEUP=‘1’ OR BT Controller:SPI_INT=‘ 1’ HOST_WAKEUP=‘ 0’ Host: BT_WAKEUP=‘1’ AND BT Controller: CLK_REQ_OUT_1=‘ A ’ Active Sleep Mode Deep Sleep Mode SPI off BB SPI on HOST_WAKEUP =‘ 1’ or ‘ 0’ CLK_REQ_OUT_1 = ‘ A’ : Active high/low ‘ P’ : Passive low/high Active Sleep Mode BB Host: BT_WAKEUP=‘0’ SPI off Host: BT_WAKEUP=‘1’ OR BT Controller: BT_SPI_INT =‘ 1 ’ HOST_WAKEUP=‘ 0’ Host: BT_WAKEUP=‘1’ AND BT Controller:BT_CLK_ REQ_OUT_1=‘ A’ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |