Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2500DTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA2500DTR
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500DTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA2500DTR Datasheet HTML 39Page - STMicroelectronics STA2500DTR Datasheet HTML 40Page - STMicroelectronics STA2500DTR Datasheet HTML 41Page - STMicroelectronics STA2500DTR Datasheet HTML 42Page - STMicroelectronics STA2500DTR Datasheet HTML 43Page - STMicroelectronics STA2500DTR Datasheet HTML 44Page - STMicroelectronics STA2500DTR Datasheet HTML 45Page - STMicroelectronics STA2500DTR Datasheet HTML 46Page - STMicroelectronics STA2500DTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
STA2500D
Digital interfaces
Doc ID 16067 Rev 1
43/57
Figure 18.
SPI setup and hold timing
7.3
The PCM interface
The chip contains a 4-pin direct voice interface to connect to standard CODEC.
The interface supports multiport PCM operations for voice transfer. It can be programmed to
act as a Master or a Slave via a SW parameter download or via specific HCI commands.
The four signals of the multi-port PCM interface are:
●
PCM_CLK
: PCM clock
●
PCM_SYNC : PCM 8 kHz sync (every 125
μs)
●
PCM_A
: PCM data (TX or RX)
●
PCM_B
: PCM data (RX or TX)
As a Master the interface by default generates a PCM clock rate of 2048 kHz, but it can be
configured to rates from 8 kHz up to 2048 kHz. As a Slave, it can automatically handle
external PCM clock rates from 128 kHz up to 4000 kHz. The default PCM_SYNC rate is 8
kHz.
The following external PCM data format are supported: linear (13 - 16 bit), µ
−law (8 bit) or A-
law (8 bit).
Table 26.
SPI timing parameters
Symbol
Description
Min.
Typ.
Max.
Unit
PCL
SPI_CLK full period
70
0
0
ns
TCLH
High period of SPI_CLK
16.6
ns
TCLL
Low period of SPI_CLK
26.4
ns
TCSH
High period of SPI_CSN
1 * PCL
ns
TCSL
Low period of SPI_CSN
9 * PCL
ns
TSCS
Setup time, SPI_CSN Low to SPI_CLK high
1 * PCL
ns
TSCL
Setup time, SPI_CLK Low to SPI_CSN high
1/
2 * PCL
ns
TSDC
Setup time, SPI_MOSI valid to SPI_CLK high
9.7
5
ns
THCD
Hold time, SPI_MOSI valid after SPI_CLK
high
0ns
TSCLD
Setup time, SPI_CLK Low to SPI_MISO valid
26.5
ns
SP I_CS N
SPI_C LK
SP I_DI
SP I_DO
TCSL
TCSH
TSCL
TCLL
TCLH
TSCS
P CL
TSCLD
TSDC
THCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com