Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2500DTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA2500DTR
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500DTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA2500DTR Datasheet HTML 34Page - STMicroelectronics STA2500DTR Datasheet HTML 35Page - STMicroelectronics STA2500DTR Datasheet HTML 36Page - STMicroelectronics STA2500DTR Datasheet HTML 37Page - STMicroelectronics STA2500DTR Datasheet HTML 38Page - STMicroelectronics STA2500DTR Datasheet HTML 39Page - STMicroelectronics STA2500DTR Datasheet HTML 40Page - STMicroelectronics STA2500DTR Datasheet HTML 41Page - STMicroelectronics STA2500DTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
General specification
STA2500D
38/57
Doc ID 16067 Rev 1
6.13
Bluetooth - WLAN coexistence in collocated scenario
The coexistence interface uses up to 4 WLAN control signal pins, which can be mapped via
software parameter download on different pins of the STA2500D (see Section 7.5).
The functionality of the 4 WLAN control signal pins depends on the selected algorithm, as
explained
below and summarized in Table 25.
Bluetooth and WLAN 802.11 b/g [] [] technologies occupy the same 2.4 GHz ISM band. The
STA2500D implements a set of mechanisms to avoid interference in a collocated scenario.
The STA2500D supports 5 different algorithms in order to provide efficient and flexible
simultaneous functionality between the two technologies in collocated scenarios:
●
Algorithm 1: PTA (Packet Traffic Arbitration) based coexistence algorithm defined in
accordance with the IEEE 802.15.2 recommended practice [].
●
Algorithm 2: the WLAN is the Master and it indicates to the STA2500D when not to
operate in case of simultaneous use of the air interface.
●
Algorithm 3: the STA2500D is the Master and it indicates to the WLAN chip when not
to operate in case of simultaneous use of the air interface.
●
Algorithm 4: Two-wire mechanism
●
Algorithm 5: Alternating Wireless Medium Access (AWMA), defined in accordance
with the WLAN 802.11 b/g [] [] technologies.
The algorithm is selected via an HCI command. The default algorithm is algorithm 1.
6.13.1
Algorithm 1: PTA (packet traffic arbitration)
The algorithm is based on a bus connection between the STA2500D and the WLAN chip:
Figure 13.
PTA diagram
By using this coexistence interface it is possible to dynamically allocate bandwidth to the two
devices when simultaneous operations are required while the full bandwidth can be
allocated to one of them in case the other one does not require activity.
The algorithm involves
●
a priority mechanism, which allows preserving the quality of certain types of link.
●
a mechanism to indicate that a periodic communication is ongoing.
A typical application would be to guarantee optimal quality to the Bluetooth voice
communication while an intensive WLAN communication is ongoing.
Several algorithms have been implemented in order to provide a maximum of flexibility and
efficiency for the priority handling. ST specific HCI commands are implemented to select the
algorithm and to tune the priority handling.
STLC2500D
WLAN
RF_REQUEST
STATUS
FREQ
RF_CONFIRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com