Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM9002
9
9002f
TYPICAL PERFORMANCE CHARACTERISTICS
64k Point FFT, fIN = 70MHz,
–1dBFS, SENSE = VDD
64k Point 2-Tone FFT,
fIN = 70MHz and fIN = 74MHz,
–7dBFS Per Tone, SENSE = VDD
64k Point FFT, fIN = 140MHz,
–1dBFS, SENSE = VDD
64k Point 2-Tone FFT,
fIN = 136MHz and fIN = 140MHz,
–7dBFS Per Tone, SENSE = VDD
(LTM9002-AA)
FREQUENCY (MHz)
9002 G06
0
–80
–70
–90
–110
–100
–60
–50
–40
–30
–20
–10
–120
0
2030405060
10
FREQUENCY (MHz)
9002 G07
0
–80
–70
–90
–110
–100
–60
–50
–40
–30
–20
–10
–120
0
2030405060
10
FREQUENCY (MHz)
9002 G08
0
–80
–70
–90
–110
–100
–60
–50
–40
–30
–20
–10
–120
0
2030405060
10
FREQUENCY (MHz)
9002 G09
0
–80
–70
–90
–110
–100
–60
–50
–40
–30
–20
–10
–120
0
2030405060
10
Differential Non-Linearity (DNL)
vs Output Code
Integral Non-Linearity (INL),
Best Fit vs Output Code
SNR vs Frequency (Channel A)
OUTPUT CODE
9002 G10
1.0
–0.6
–0.4
–0.8
–0.2
0
0.2
0.4
0.6
0.8
–1.0
0
1024
2048
3072
4096
OUTPUT CODE
9002 G11
0.5
–0.3
–0.2
–0.4
–0.1
0
0.1
0.2
0.3
0.4
–0.5
0
1024
2048
3072
4096
IF FREQUENCY (MHz)
9002 G12
72
71
70
69
68
67
66
65
64
63
62
1
10
100
(LTM9002-LA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com