Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology LTM9002 Datasheet HTML 18Page - Linear Technology LTM9002 Datasheet HTML 19Page - Linear Technology LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTM9002
20
9002f
Figure 4. Input Termination for Differential 50Ω
Input Impedance Using Shunt Resistor
Figure 5. Input Termination for Differential 50Ω
Input Impedance Using a Balun
APPLICATIONS INFORMATION
INPUT SPAN
The LTM9002 is configured with a given input span and
input impedance. With the amplifier gain and the ADC
input network described above for LTM9002-AA, the
full-scale input range of the driver circuit is 0.1VP-P. The
recommended ADC input span is achieved by tying the
SENSE pin to VDD. However, the ADC input span can be
changed if required for the application. The resulting input
span at the IN+/IN– pins is the ADC input span divided by
the gain.
The LTM9002 is intended to be driven through the IN+ and
IN– pins. The DNC pins are used for test purposes and are
not intended to be used in the application. These are test
points within the ADC input filter network. However, care
should be taken with these pins as they connect directly
to the internal signal path. They should be soldered to an
unconnected pad and should be well isolated.
Input Impedance and Matching
The input impedance of the amplifier is 50Ω, 200Ω or
400Ω depending on the gain of the amplifier. In some
applications the differential inputs may need to be ter-
minated to a lower value impedance, e.g. 50Ω, in order
to provide an impedance match for the source. Several
choices are available.
One approach is to use a differential shunt resistor
(Figure 4). Another approach is to employ a wide band
transformer and shunt resistor (Figure 5). Both methods
provide a wide band match. The termination resistor or
the transformer must be placed close to the input pins in
order to minimize the reflection due to input mismatch.
Alternatively, one could apply a narrowband impedance
match at the inputs for frequency selection and/or noise
reduction.
Referring to Figure 6, amplifier inputs can be easily con-
figured for single-ended input without a balun. The signal
is fed to one of the inputs through a matching network
while the other input is connected to the same matching
network and a source resistor. Because the return ratios
of the two feedback paths are equal, the two outputs have
the same gain and thus symmetrical swing. In general,
the single-ended input impedance and termination resis-
tor RT are determined by the combination of RS, RG and
RF , see Table 5.
Table 4. Differential Amplifier Input Termination Values
GAIN (dB)
ZIN/2
RT FIGURE 4
RT FIGURE 5
8
200Ω
57Ω
400Ω
14
100Ω
66.5Ω
None
20
100Ω
66.5Ω
None
26
25Ω
None
None
9002 F04
ZIN/2
RT
500Ω
LTM9002
ZIN/2
25Ω
25Ω
VIN
500Ω
IN+
IN–
+
–
9002 F05
ZIN/2
500Ω
LTM9002
ZIN/2
25Ω
25Ω
VIN
500Ω
+
–
1:4
•
•
IN+
IN–
RT
Table 5. Single-Ended Amplifier Input Termination Values
GAIN (dB)
ZIN/2
RT FIGURE 6
8
200Ω
59Ω
14
100Ω
68.5Ω
20
100Ω
66.5Ω
26
25Ω
150Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com