Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology LTM9002 Datasheet HTML 25Page - Linear Technology LTM9002 Datasheet HTML 26Page - Linear Technology LTM9002 Datasheet HTML 27Page - Linear Technology LTM9002 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTM9002
25
9002f
APPLICATIONS INFORMATION
Data Format
Using the MODE pin, the ADC parallel digital output can
be selected for offset binary or 2’s complement format.
Note that MODE controls both channel A and channel B.
Connecting MODE to GND or 1/3 VDD selects straight
binary output format. Connecting MODE to 2/3 VDD or
VDD selects 2’s complement output format. An external
resistive divider can be used to set the 1/3 VDD or 2/3
VDD logic values. Table 7 shows the logic states for the
MODE pin.
Table 7. MODE Pin Function
MODE PIN
OUTPUT FORMAT
CLOCK DUTY CYCLE
STABILIZER
0
Straight Binary
Off
1/3VDD
Straight Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
Overflow Bit
For LTM9002-AA, when OF outputs a logic high the con-
verter is either overranged or underranged on channel A
or channel B. Note that both channels share a common
OF pin. OF is disabled when channel A is in sleep or nap
mode. For LTM9002-LA, OFA and OFB indicate either
condition for the respective channel.
Output Clock
The LTM9002-AA has a delayed version of the CLKB input
available as a digital output, CLKOUT. The falling edge of
the CLKOUT pin can be used to latch the digital output
data. CLKOUT is disabled when channel B is in sleep or
nap mode.
Output Driver Power
Separate output power and ground pins allow the output
drivers to be isolated from the analog circuitry. The power
supply for the digital output buffers, OVDD, should be tied
to the same supply that powers the logic being driven.
For example, if the converter drives a DSP powered by a
1.8V supply, then OVDD should be tied to that same 1.8V
supply.
OVDD can be powered with any voltage from 500mV up to
3.6V, independent of VDD. OGND can be powered with any
voltage from GND up to 1V and must be less than OVDD.
The logic outputs will swing between OGND and OVDD.
Output Enable
The outputs may be disabled with the output enable pin,
OE. OE high disables all data outputs including OF. The
data access and bus relinquish times are too slow to allow
the outputs to be enabled and disabled during full-speed
operation. The output Hi-Z state is intended for use during
test or initialization. Channels A and B have independent
output enable pins (OEA, OEB.)
Sleep and Nap Modes
The converter may be placed in shutdown or nap modes
to conserve power. Connecting ADCSHDN to GND results
in normal operation. Connecting ADCSHDN to VDD and
OE to VDD results in sleep mode, which powers down all
circuitry including the reference and the ADC typically
dissipates 1mW. When exiting sleep mode, it will take
700μs to 1ms for the output data to become valid because
the reference capacitors have to recharge and stabilize.
Connecting ADCSHDN to VDD and OE to GND results in
nap mode and the ADC typically dissipates 30mW. In nap
mode, the on-chip reference circuit is kept on, so that
recovery from nap mode is faster than that from sleep
mode, typically taking 100 clock cycles. In both sleep
and nap modes, all digital outputs are disabled and enter
the Hi-Z state.
Channels A and B have independent ADCSHDN pins
(ADCSHDNA, ADCSHDNB.) Channel A is controlled by
ADCSHDNA and OEA, and channel B is controlled by
ADCSHDNB and OEB. The nap, sleep and output enable
modes of the two channels are completely independent,
so it is possible to have one channel operating while the
other channel is in nap or sleep mode.
Digital Output Multiplexer
The digital outputs of the ADC can be multiplexed onto a
single data bus. The MUX pin is a digital input that swaps
the two data busses. If MUX is high, channel A comes
out on DAx; channel B comes out on DBx. If MUX is low,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com