Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology LTM9002 Datasheet HTML 25Page - Linear Technology LTM9002 Datasheet HTML 26Page - Linear Technology LTM9002 Datasheet HTML 27Page - Linear Technology LTM9002 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTM9002
24
9002f
APPLICATIONS INFORMATION
Clock Duty Cycle Stabilizer
An optional clock duty cycle stabilizer circuit ensures high
performance even if the input clock has a non 50% duty
cycle. Using the clock duty cycle stabilizer is recommended
for most applications. To use the clock duty cycle stabilizer,
the MODE pin should be connected to 1/3VDD or 2/3VDD
using external resistors.
This circuit uses the rising edge of the CLK pin to sample
the analog input. The falling edge of CLK is ignored and
the internal falling edge is generated by a phase-locked
loop. The input clock duty cycle can vary from 40% to
60% and the clock duty cycle stabilizer will maintain a
constant 50% internal duty cycle. If the clock is turned off
for a long period of time, the duty cycle stabilizer circuit
will require a hundred clock cycles for the PLL to lock
onto the input clock.
For applications where the sample rate needs to be changed
quickly, the clock duty cycle stabilizer can be disabled. If
the duty cycle stabilizer is disabled, care should be taken to
make the sampling clock have a 50% (±5%) duty cycle.
DIGITAL OUTPUTS
Table 6 shows the relationship between the analog input
voltage, the digital data bits, and the overflow bit. Note that
OF is high when an overflow or underflow has occurred
on either channel A or channel B.
Table 6. Output Codes vs Input Voltage, 100mV Input Span
IN+ – IN–
(SENSE = VDD)OF
D13 - D0
(OFFSET BINARY)
D13 - D0
(2’S COMPLEMENT)
≥ 50mV
1
0
0
11 1111 1111 1111
11 1111 1111 1111
11 1111 1111 1110
01 1111 1111 1111
01 1111 1111 1111
01 1111 1111 1110
0.000000V
0
0
0
0
10 0000 0000 0001
10 0000 0000 0000
01 1111 1111 1111
01 1111 1111 1110
00 0000 0000 0001
00 0000 0000 0000
11 1111 1111 1111
11 1111 1111 1110
≤ –50mV
0
0
1
00 0000 0000 0001
00 0000 0000 0000
00 0000 0000 0000
10 0000 0000 0001
10 0000 0000 0000
10 0000 0000 0000
Digital Output Modes
Figure 12 shows an equivalent circuit for a single output
buffer. Each buffer is powered by OVDD and OGND, isolated
from the ADC power and ground. The additional N-channel
transistor in the output driver allows operation down to
low voltages. The internal resistor in series with the output
makes the output appear as 50Ω to external circuitry and
may eliminate the need for external damping resistors.
As with all high speed/high resolution converters the digital
output loading can affect the performance. The digital
outputs of the ADC should drive a minimal capacitive load
to avoid possible interaction between the digital outputs
and sensitive input circuitry. For full-speed operation, the
capacitive load should be kept under 10pF.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Figure 12. Digital Output Buffer
LTM9002
9002 F12
OVDD
VDD
VDD
0.1μF
43Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com