Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology LTM9002 Datasheet HTML 25Page - Linear Technology LTM9002 Datasheet HTML 26Page - Linear Technology LTM9002 Datasheet HTML 27Page - Linear Technology LTM9002 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTM9002
26
9002f
APPLICATIONS INFORMATION
the output busses are swapped and channel A comes
out on DBx; channel B comes out on DAx. To multiplex
both channels onto a single output bus, connect MUX,
CLKA and CLKB together (see the Timing Diagram for
the multiplexed mode.) The multiplexed data is available
on either data bus – the unused data bus can be disabled
with its OE pin.
Supply Sequencing
The VCC pin provides the supply to the amplifier and the
auxiliary DAC while the VDD pin provides the supply to the
ADC. The amplifier, ADC and the DAC are separate integrated
circuits within the LTM9002; however, there are no supply
sequencing considerations beyond standard practice. It is
recommended that the amplifier, ADC and DAC all use the
same low noise, 3.0V supply, but VCCmaybeoperatedfrom
a different voltage level if desired. Both rails can operate
from the same 3.0V linear regulator but place a ferrite bead
between the VCC and VDD pins. Separate linear regulators
can be used without additional supply sequencing circuitry
if they have common input supplies.
Grounding and Bypassing
The LTM9002 requires a printed circuit board with a
clean unbroken ground plane; a multilayer board with an
internal ground plane is recommended. The pinout of the
LTM9002 has been optimized for a flow-through layout
so that the interaction between inputs and digital outputs
is minimized. A continuous row of ground pads facilitate
a layout that ensures that digital and analog signal lines
are separated as much as possible.
The LTM9002 is internally bypassed with the ADC, (VDD)and
amplifier and DAC (VCC) supplies returning to a common
ground (GND). The digital output supply (OVDD)isreturned
to OGND. Additional bypass capacitance is optional and
may be required if power supply noise is significant.
The differential inputs should run parallel and close to each
other. The input traces should be as short as possible to
minimize capacitance and to minimize noise pickup.
Heat Transfer
Most of the heat generated by the LTM9002 is transferred
through the bottom-side ground pads. For good electrical
and thermal performance, it is critical that all ground pins
are connected to a ground plane of sufficient area with as
many vias as possible.
Recommended Layout
The high integration of the LTM9002 makes the PC board
layout very simple and easy. However, to optimize its electri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for ground. This helps
to dissipate heat in the package through the board
and also helps to shield sensitive on-board analog
signals. Common ground (GND) and output ground
(OGND) are electrically isolated on the LTM9002, but
can be connected on the PCB underneath the part to
provide a common return path.
• Use multiple ground vias. Using as many vias as
possible helps to improve the thermal performance
of the board and creates necessary barriers separat-
ing analog and digital traces on the board at high
frequencies.
• Separate analog and digital traces as much as pos-
sible, using vias to create high-frequency barriers.
This will reduce digital feedback that can reduce the
signal-to-noise ratio (SNR) and dynamic range of the
LTM9002.
The quality of the paste print is an important factor in
producing high yield assemblies. It is recommended to
use a type 3 or 4 printing no-clean solder paste. The solder
stencil design should follow the guidelines outlined in
Application Note 100.
The LTM9002 employs gold-finished pads for use with
Pb-based or tin-based solder paste. It is inherently Pb-free
and complies with the JEDEC (e4) standard. The materi-
als declaration is available online at http://www.linear.
com/leadfree/mat_dec.jsp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com