Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology LTM9002 Datasheet HTML 18Page - Linear Technology LTM9002 Datasheet HTML 19Page - Linear Technology LTM9002 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM9002
16
9002f
Figure 1. Basic Functional Elements
Table 1. Semi-Custom Options
AMPLIFIER IF
RANGE
AMPLIFIER INPUT
IMPEDANCE
AMPLIFIER GAIN
FILTER
ADC SAMPLE
RATE
ADC
RESOLUTION
AUXILIARY
DAC
PART NUMBER
300MHz
50Ω
26dB
170MHz LPF
125Msps
14-Bit
12-Bit, SPI
LTM9002-AA
140MHz
200Ω (Channel A)
400Ω (Channel B)
20dB (Channel A)
8dB (Channel B)
25MHz LPF
65Msps
12-Bit
None
LTM9002-LA
Select Combination of Options from Columns Below
DC-300MHz
50Ω
26dB
TBD
125Msps
14-Bit
12-Bit, I2C
DC-140MHz
200Ω
20dB
105Msps
12-Bit
None
DC-70MHz
200Ω
14dB
80Msps
10-Bit
DC-35MHz
400Ω
8dB
65Msps
40Msps
25Msps
10Msps
9002 F01
AMPLIFIER
ADC
ADC
INPUT
NETWORK
AUXILIARY
DAC
Description
The LTM9002 is an integrated system in a package (SiP) that
includes two high-speed 14-bit A/D converters, matching
networks, anti-aliasing filters and two low noise, differen-
tial amplifiers with fixed gain. These amplifiers need not
be the same, so that the gains and input impedances of
the two channels are different. Also included is a pair of
auxiliary DACs to allow for digital, full-scale adjustment
of each channel. The LTM9002 is designed for digitizing
high frequency, wide dynamic range signals with input
frequencies up to 300MHz. Typical applications include
digitizing in-phase and quadrature channels or main and
diversity channels in base station applications.
The following sections describe in further detail the op-
eration of each section. The SiP technology allows the
LTM9002 to be customized and this is described in the
first section. The outline of the remaining sections follows
the basic functional elements as shown in Figure 1.
Semi-Custom Options
The μModule construction affords a new level of flexibility
in application-specific standard products. Standard ADC
and amplifier components can be integrated regardless
of their process technology and matched with passive
components to a particular application. The LTM9002-AA,
as the first example, is configured with a dual 14-bit ADC
sampling at rates up to 125Msps. The amplifier gain is
26dB with an input impedance of 50Ω and an input range
of 100mVP-P(–16dBm).Thematchingnetworkisdesigned
to optimize the interface between the amplifier output
and the ADC under these conditions. Additionally, there
is a 3rd order lowpass filter with a cutoff at 170MHz. The
auxiliary DACs allow adjustment of the full-scale range
with 12-bit resolution.
However, other options are possible through Linear
Technology’s semi-custom development program. Linear
Technology has in place a program to deliver other speed,
resolution, IF range, gain and filter configurations for nearly
any specified application. These semi-custom designs are
based on existing ADCs and amplifiers with an appropriately
modified matching network. The final subsystem is then
tested to the exact parameters defined for the application.
The final result is a fully integrated, accurately tested and
optimized solution in the same package. For more details
on the semi-custom receiver subsystem program, contact
Linear Technology.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com