Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-I/ST Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP6024T-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-I/ST Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP6024T-I/ST Datasheet HTML 34Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 35Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 36Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 37Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 38Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 39Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 40Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 41Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 39
MCP6021/1R/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6021
Single Op Amp
MCP6021T
Single Op Amp
(Tape and Reel for SOT-23, SOIC, TSSOP,
MSOP)
MCP6021R
Single Op Amp
MCP6021RT Single Op Amp
(Tape and Reel for SOT-23)
MCP6022
Dual Op Amp
MCP6022T
Dual Op Amp
(Tape and Reel for SOIC and TSSOP)
MCP6023
Single Op Amp w/ CS
MCP6023T
Single Op Amp w/ CS
(Tape and Reel for SOIC and TSSOP)
MCP6024
Quad Op Amp
MCP6024T
Quad Op Amp
(Tape and Reel for SOIC and TSSOP)
Temperature Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
(MCP6021, E-Temp; MCP6021R, E-Temp)
MS = Plastic MSOP, 8-lead
(MCP6021, E-Temp)
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC (150mil Body), 8-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
ST
= Plastic TSSOP, 8-lead
(MCP6021,I-Temp; MCP6022, I-Temp, E-Temp;
MCP6023, I-Temp, E-Temp;)
ST
= Plastic TSSOP, 14-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6021T-E/OT: Tape and Reel,
Extended temperature,
5LD SOT-23.
b)
MCP6021-E/P:
Extended temperature,
8LD PDIP.
c)
MCP6021-E/SN: Extended temperature,
8LD SOIC.
a)
MCP6021RT-E/OT:Tape and Reel,
Extended temperature,
5LD SOT-23.
a)
MCP6022-I/P:
Industrial temperature,
8LD PDIP.
b)
MCP6022-E/P:
Extended temperature,
8LD PDIP.
c)
MCP6022T-E/ST: Tape and Reel,
Extended temperature,
8LD TSSOP.
a)
MCP6023-I/P:
Industrial temperature,
8LD PDIP.
b)
MCP6023-E/P:
Extended temperature,
8LD PDIP.
c)
MCP6023-E/SN: Extended temperature,
8LD SOIC.
a)
MCP6024-I/SL:
Industrial temperature,
14LD SOIC.
b)
MCP6024-E/SL:
Extended temperature,
14LD SOIC.
c)
MCP6024T-E/ST: Tape and Reel,
Extended temperature,
14LD TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com