Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-I/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6024T-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-I/ST Datasheet(HTML) 5 Page - Microchip Technology

  MCP6024T-I/ST Datasheet HTML 1Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 2Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 3Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 4Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 5Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 6Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 7Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 8Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 5
MCP6021/1R/2/3/4
TEMPERATURE CHARACTERISTICS
FIGURE 1-1:
Timing diagram for the CS
pin on the MCP6023.
1.1
Test Circuits
The test circuits used for the DC and AC tests are
shown in Figure 1-2 and Figure 1-3. The bypass
capacitors are laid out according to the rules discussed
in Section 4.7 “Supply Bypass”.
FIGURE 1-2:
AC and DC Test Circuit for
Most Non-Inverting Gain Conditions.
FIGURE 1-3:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
Electrical Specifications: Unless otherwise indicated, VDD = +2.5V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Industrial Temperature Range
TA
-40
—
+85
°C
Extended Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θ
JA
—
256
—
°C/W
Thermal Resistance, 8L-PDIP
θ
JA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—
163
—
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—
206
—
°C/W
Thermal Resistance, 8L-TSSOP
θ
JA
—
124
—
°C/W
Thermal Resistance, 14L-PDIP
θ
JA
—70
—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
—
120
—
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
—
100
—
°C/W
Note
1:
The industrial temperature devices operate over this extended temperature range, but with reduced performance. In any
case, the internal junction temperature (TJ) must not exceed the absolute maximum specification of 150°C.
High-Z
tON
CS
tOFF
VOUT
-50 nA
High-Z
ISS
ICS
10 nA
10 nA
10 nA
-50 nA
-1 mA
Amplifier On
(typical)
(typical)
(typical)
(typical)
(typical)
(typical)
VDD
MCP6021
2k
Ω
2k
Ω
1k
Ω
VOUT
VIN
VDD/2
1µF
CL
RL
VL
0.1 µF
CB1
RN
RG
RF
60 pF
10 k
Ω
CB2
VDD
MCP6021
2k
Ω
1k
Ω
VOUT
VDD/2
VIN
1µF
VL
0.1 µF
2k
Ω
CL
RL
CB1
RN
RG
RF
60 pF
10 k
Ω
CB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com