Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-I/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6024T-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-I/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6024T-I/ST Datasheet HTML 5Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 6Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 7Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 8Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 9Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 10Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 11Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 12Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 9
MCP6021/1R/2/3/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
RL =10kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-13:
Input Bias, Offset Currents
vs. Common Mode Input Voltage.
FIGURE 2-14:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-15:
Output Short-Circuit Current
vs. Supply Voltage.
FIGURE 2-16:
Input Bias, Offset Currents
vs. Temperature.
FIGURE 2-17:
Quiescent Current vs.
Temperature.
FIGURE 2-18:
Open-Loop Gain, Phase vs.
Frequency.
1
10
100
1,000
10,000
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0 5.5
Common Mode Input Voltage (V)
IB, TA = +125°C
VDD = 5.5V
IOS, TA = +85°C
IOS, TA = +125°C
IB, TA = +85°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
0
5
10
15
20
25
30
35
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
1
10
100
1,000
10,000
25
35
45
55
65
75
85
95 105 115 125
Ambient Temperature (°C)
IB
VCM = VDD
VDD = 5.5V
IOS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.5V
VCM = VDD - 0.5V
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
-210
-195
-180
-165
-150
-135
-120
-105
-90
-75
-60
-45
-30
-15
0
Gain
Phase
1
100
10
1k
100k
10k
1M
100M
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com