Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-I/ST Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6024T-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-I/ST Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6024T-I/ST Datasheet HTML 11Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 12Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 13Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 14Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 15Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 16Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 17Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 18Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 15
MCP6021/1R/2/3/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The op amp output pins are low-impedance voltage
sources.
3.2
Analog Inputs
The op amp non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
Reference Voltage (VREF, )
MCP6021 and MCP6023
Mid-supply reference voltage provided by the single op
amps (except in SOT-23-5 package). This is an
unbuffered, resistor voltage divider internal to the part.
3.4
Chip Select Digital Input (CS)
This is a CMOS, Schmitt-triggered input that places the
part into a low power mode of operation.
3.5
Power Supply (VSS and VDD)
The positive power supply pin (VDD) is 2.5V to 6.0V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a bypass capacitor.
MCP6021
MCP6021R MCP6022 MCP6023 MCP6024
Symbol
Description
PDIP,
SOIC,
MSOP,
TSSOP
(Note 1)
SOT-23-5
SOT-23-5
(Note 2)
PDIP,
SOIC,
TSSOP
PDIP,
SOIC,
TSSOP
PDIP,
SOIC,
TSSOP
6
1
1
161
VOUT,VOUTA Analog Output (op amp A)
2
4
4
222
VIN–, VINA–
Inverting Input (op amp A)
3
3
3
333
VIN+, VINA+ Non-inverting Input (op amp A)
7
5
2
874
VDD
Positive Power Supply
——
—
5
—
5
VINB+
Non-inverting Input (op amp B)
——
—
6
—
6
VINB–
Inverting Input (op amp B)
——
—
7
—
7
VOUTB
Analog Output (op amp B)
——
—
—
—
8
VOUTC
Analog Output (op amp C)
——
—
—
—
9
VINC–
Inverting Input (op amp C)
——
—
—
—
10
VINC+
Non-inverting Input (op amp C)
42
5
4
4
11
VSS
Negative Power Supply
——
—
—
—
12
VIND+
Non-inverting Input (op amp D)
——
—
—
—
13
VIND–
Inverting Input (op amp D)
——
—
—
—
14
VOUTD
Analog Output (op amp D)
5—
—
—
5
—
VREF
Reference Voltage
——
—
—
8
—
CS
Chip Select
1, 8
—
—
—
1
—
NC
No Internal Connection
Note
1:
The MCP6021 in the 8-pin TSSOP package is only available for I-temp (Industrial Temperature) parts.
2:
The MCP6021R is only available in the 5-pin SOT-23 package, and for E-temp (Extended Temperature) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com