Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-I/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6024T-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-I/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6024T-I/ST Datasheet HTML 15Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 16Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 17Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 18Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 19Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 20Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 21Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 22Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 19
MCP6021/1R/2/3/4
4.6
MCP6021 and MCP6023 Reference
Voltage
The single op amps (MCP6021 and MCP6023), not in
the SOT-23-5 package, have an internal mid-supply
reference voltage connected to the VREF pin (see
Figure 4-7). The MCP6021 has CS internally tied to
VSS, which always keeps the op amp on and always
provides a mid-supply reference. With the MCP6023,
taking the CS pin high conserves power by shutting
down both the op amp and the VREF circuitry. Taking
the CS pin low turns on the op amp and VREF circuitry.
FIGURE 4-7:
Simplified internal VREF
circuit (MCP6021 and MCP6023 only).
See Figure 4-8 for a non-inverting gain circuit using the
internal
mid-supply
reference.
The
DC-blocking
capacitor (CB) also reduces noise by coupling the op
amp input to the source.
FIGURE 4-8:
Non-inverting gain circuit
using VREF (MCP6021 and MCP6023 only).
To use the internal mid-supply reference for an
inverting gain circuit, connect the VREF pin to the
non-inverting input, as shown in Figure 4-9. The
capacitor CB helps reduce power supply noise on the
output.
FIGURE 4-9:
Inverting gain circuit using
VREF (MCP6021 and MCP6023 only).
If you don’t need the mid-supply reference, leave the
VREF pin open.
4.7
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good, high-frequency performance. It also needs a
bulk capacitor (i.e., 1 µF or larger) within 100 mm to
provide large, slow currents. This bulk capacitor can be
shared with nearby analog parts.
4.8
Unused Op Amps
An unused op amp in a quad package (MCP6024)
should be configured as shown in Figure 4-10. These
circuits prevent the output from toggling and causing
crosstalk. Circuits A sets the op amp at its minimum
noise gain. The resistor divider produces any desired
reference voltage within the output voltage range of the
op amp; the op amp buffers that reference voltage.
Circuit B uses the minimum number of components
and operates as a comparator, but it may draw more
current.
FIGURE 4-10:
Unused Op Amps.
VDD
VSS
VREF
CS
50 k
Ω
50 k
Ω
(CS tied internally to VSS for MCP6021)
5M
Ω
VIN
RG
RF
VOUT
CB
VREF
VIN
RG
RF
VOUT
VREF
CB
VDD
VDD
¼ MCP6024 (A)
¼ MCP6024 (B)
R1
R2
VDD
VREF
V
REF
V
DD
R
2
R
1
R
2
+
-------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com