Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-I/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6024T-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-I/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6024T-I/ST Datasheet HTML 14Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 15Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 16Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 17Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 18Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 19Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 20Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 21Page - Microchip Technology MCP6024T-I/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
MCP6021/1R/2/3/4
DS21685D-page 18
© 2009 Microchip Technology Inc.
When driving large capacitive loads with these op
amps (e.g., > 60 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-3) improves the
feedback loop’s phase margin (stability) by making the
load resistive at higher frequencies. The bandwidth will
be generally lower than the bandwidth with no
capacitive load.
FIGURE 4-3:
Output Resistor RISO
Stabilizes Large Capacitive Loads.
Figure 4-4 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1+|Signal Gain| (e.g., -1 V/V gives GN = +2 V/V).
FIGURE 4-4:
Recommended RISO values
for capacitive loads.
After selecting RISO for your circuit, double-check the
resulting
frequency
response
peaking
and
step
response overshoot. Modify RISO’s value until the
response is reasonable. Evaluation on the bench and
simulations with the MCP6021/1R/2/3/4 Spice macro
model are helpful.
4.4
Gain Peaking
Figure 2-35 and Figure 2-36 use RF =1kΩ to avoid
(frequency
response)
gain
peaking
and
(step
response) overshoot. The capacitance to ground at the
inverting input (CG) is the op amp’s common mode
input capacitance plus board parasitic capacitance. CG
is in parallel with RG, which causes an increase in gain
at high frequencies for non-inverting gains greater than
1 V/V (unity gain). CG also reduces the phase margin
of the feedback loop for both non-inverting and
inverting gains.
FIGURE 4-5:
Non-inverting Gain Circuit
with Parasitic Capacitance.
The largest value of RF in Figure 4-5 that should be
used is a function of noise gain (see GN in Section 4.3
“Capacitive Loads”) and CG. Figure 4-6 shows results
for various conditions. Other compensation techniques
may be used, but they tend to be more complicated to
the design.
FIGURE 4-6:
Non-inverting gain circuit
with parasitic capacitance.
4.5
MCP6023 Chip Select (CS)
The MCP6023 is a single amplifier with chip select
(CS). When CS is pulled high, the supply current drops
to 10 nA (typical) and flows through the CS pin to VSS.
When this happens, the amplifier output is put into a
high-impedance state. By pulling CS low, the amplifier
is enabled. The CS pin has an internal 5 M
Ω (typical)
pulldown resistor connected to VSS, so it will go low if
the CS pin is left floating. Figure 1-1 and Figure 2-39
show the output voltage and supply current response to
a CS pulse.
VIN
MCP602X
RISO
VOUT
CL
10
100
1,000
10
100
1,000
10,000
Normalized Capacitance; CL/GN (pF)
GN ≥ +1
VIN
RG
RF
VOUT
CG
1.E+02
1.E+03
1.E+04
1.E+05
110
Noise Gain; GN (V/V)
GN > +1 V/V
100
1k
10k
100k
CG = 7 pF
CG = 20 pF
CG = 50 pF
CG = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com