Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33596FCE/R2 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
19
Electrical Characteristics
19.1 General Parameters
19.2 Receiver: RF Parameters
RF parameters assume a matching network between test equipment and the D.U.T, and apply to all bands
unless otherwise specified.
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA = 25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
1.2
Supply current in receive mode
Receiver on
—
10.3
13
mA
1.3
Strobe oscillator only
—
24
50
μA
1.6
Supply current in standby mode –40
°C ≤ T
A ≤ 25°C
—
260
700
nA
1.8
TA = 85°C
—
800
1200
nA
1.9
Supply current in LVD mode
LVDE = 1
—
35
50
μA
1.12 Receiver on-to-off time
Supply current reduced to 10%
—
100
—
μs
1.13 VCC2 voltage regulator output
2.7 V
< V
CC
2.4
2.6
2.8
V
1.14
2.1 V
≤ V
CC ≤ 2.7 V
—
VCC–0.1
—
V
1.15 VCCDIG2 voltage regulator
output
Circuit in standby mode
(VCCDIG = 3 V)
—
0.7 x
VCCDIG
—V
1.16
Circuit in all other modes
1.4
1.6
1.8
V
1.19 Voltage on VCC (Preregulator
output)
Receive mode with VCCIN=5V
2.4
—
—
V
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions,
Comments
Limits
Unit
Min
Typ
Max
(FCE,
FJE)
Max
(FCAE,
FJAE)
2.2
OOK sensitivity at 315 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
—
–104
–99
–97
dBm
2.40 OOK sensitivity at 434 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
—
–103.5
–98
–96
dBm
2.41 OOK sensitivity at 868 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
—
–103
–98
–96
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com