Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33596FCE/R2 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Receive Mode
Freescale Semiconductor
12
11
Receive Mode
The receiver is either waiting for an RF transmission or is receiving one. Two different processes are
possible, as determined by the values of the DME bit. A state diagram describes the sequence of operations
in each case.
NOTE
If the STROBE pin is tied to a high level before switching to receive mode,
the receiver does not go through an off or standby state.
11.1 Data Manager Disabled (DME=0)
Data manager disabled means that the SPI is deselected and raw data is sent directly on the MOSI line,
while SCLK remains at low level.
Two different processes are possible, as determined by the values of the SOE bit.
11.1.1 Data Manager Disabled and Strobe Pin Control
Raw received data is sent directly on the MOSI line. Figure 3 shows the state diagram.
Figure 3. Receive Mode, DME = 0, SOE = 0
•
State 5:
The receiver is in standby/LVD mode. For further information, see Section 12, “Standby: LVD
Mode.” A high level applied to STROBE forces the circuit to state 5b.
•
State 5b:
The receiver is kept on by the STROBE pin. Raw data is output on the MOSI line.
For all states: At any time, a low level applied to CONFB forces the state machine to state 1, configuration
mode.
STROBE = 0
STROBE = 1
SPI Deselected
STROBE = 1
State 5
Standby/LVD
State 5b
On
Raw Data on MOSI
STROBE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com