Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33596FCE/R2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Receive Mode
Freescale Semiconductor
18
•
State 10:
The receiver is off, but the strobe oscillator and the off counter are running. Forcing STROBE pin
to the low level maintains the system in this state.
•State 11:
The receiver is waiting for a valid ID. If an ID, or its complement, is detected, the state machine
advances to state 12; otherwise, the circuit goes back to state 10 at the end of the RON time, if
STROBE
≠ 1.
•
State 12:
An ID or its complement has been detected. The data manager is now waiting for a header or its
complement. If neither a header, nor its complement, has been received before a time-out of 256
bits at data rate, the system returns to state 10.
•
State 13:
A header, or its complement, has been received. Data and clock signals are output on the SPI port
until EOM indicates the end of the data sequence. If the complement of the header has been
received, output data are complemented also.
For all states: At any time, a low level applied to STROBE forces the circuit to state 10, and a low level
applied on CONFB forces the state machine to state 1, configuration mode.
When an EOM occurs before the current byte is fully shifted out, dummy bits are inserted until the number
of shifted bits is a multiple of 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com