Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
VUSB2 ACTIVE MODE DC
Output Voltage VOUT
VINMIN < VIN < VINMAX, ILMIN < IL < ILMAX
VUSB2
VNOM –
3%
VNOM
VNOM + 3%
V
Load Regulation
1.0 mA < IL < ILMAX, for any VINMIN < VIN < VINMAX
VUSB2LOR
-
-
0.35
mV/mA
Line Regulation
VINMIN < VIN < VINMAX, for any ILMIN < IL < ILMAX
VUSB2LIR
-
5.0
8.0
mV
Active Mode Quiescent Current
VINMIN < VIN < VINMAX, IL = 0
IUSB2QS
-
8.0
13
µA
UVBUS
Operating Input Voltage Range VINMIN to VINMAX(11)
UREGIN supplied by SWBST
VINUVBUS
4.75
5.0
5.25
V
Operating Current Load Range ILMIN to ILMAX
IUVBUS
0
-
100
mA
Minimum Bypass Capacitor Value
COUVBUS
(21)
(21)
6.5 (22)
µF
Bypass Capacitor ESR
10 kHz -1.0 MHz
VINUVBUS
(21)
(21)
(22)
Ω
UVBUS ACTIVE MODE DC
Output Voltage Vout - (VNOM = 2.775)
VINMIN < VIN < VINMAX, ILMIN < IL < ILMAX
VUVBUS
4.4
5.0
5.25
V
VGEN1
Operating Input Voltage Range VINMIN to VINMAX
All settings, BP biased
VGEN1=00,01, External switcher supplied
VINGEN1
UVDET <
VNOM
+0.25
1.75
-
SW4 =
1.8
4.65
4.65
V
Operating Current Load Range ILMIN to ILMAX
(not exceeding PNP max power)
IGEN1
0
-
200
mA
Extended input voltage range (BP biased, performance may be out of
specification for output levels VGEN1[1:0]=10 to 11)
UVDET
-
4.65
V
Minimum Bypass Capacitor Value
COGEN1
0.65
2.2
+35%
µF
Bypass Capacitor ESR
10 kHz -1.0 MHz
ESRGEN1
20
-
100
m
Ω
Notes
21.
Filtering is shared with CHRGRAW (shorted at board level). 2.2 µF is typically included at the CHRGRAW pin.
22.
6.5 µF is the maximum allowable capacitance on VBUS including all tolerances of filtering capacitance on VBUS and CHRGRAW (which
are shorted at the board level).
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com