Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
BUCK CONVERTERS (CONTINUED)
External Components, Used as a condition for all other parameters
Inductor for SW2, SW3, SW4(11)
Inductor for SW1(11)
Inductor Resistance
Bypass Capacitor for SW2, SW3, SW4(13)
Bypass Capacitor for SW1(14)
Bypass Capacitor ESR
Input Capacitor(15)
LSW234
LSW1
RWSW
COSW234
COSW1
ESRSW
-20%
-20%
-
-35%
-35%
5.0
1.0
2.2
1.5
-
10
2x22
-
4.7
+20%
+20%
0.16
+35%
+35%
50
-
µH
µH
Ω
µF
µF
m
Ω
µF
SWBST
Average Output Voltage(16)
3.0 V < VIN < 4.65 (1), 0 < IL < ILMAX(17)
VBST
Nom-5%
5.0
Nom+5%
V
Output Ripple(11)
3.0 V < VIN < 4.65, 0 < IL < ILMAX, Excluding reverse recovery of Schottky
diode
VBSTPP
-
-
120
mVpp
Average Load Regulation
VIN = 3.6 V, 0 < IL < ILMAX
VBSTLOR
-
-
0.5
mV/mA
Average Line Regulation
3.0 V < VIN < 4.65 V, IL = ILMAX
VBSTLIR
-
-
50
mV
Notes
12.
Preferred device TDK VLS252012 series at 2.5x2.0 mm footprint and 1.2 mm max height
13.
Preferably 0603 style 6.3 V rated X5R/X7R type at 35% total make tolerance, temperature spread and DC bias derating such as TDK
C1608X5R0J106M
14.
Preferably 0805 style 6.3 V rated X5R/X7R type at 35% total make tolerance, temperature spread and DC bias derating such as TDK
C2012X5R0J226M
15.
Preferably 0603 style 6.3 V rated X5R/X7R type at 35% total make tolerance, temperature spread and DC bias derating such as TDK
C1608X5R0J475
16.
Output voltage when configured to supply VBUS in OTG mode can be as high as 5.75 V
17.
Vin is the low side of the inductor that is connected to BP.
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com