Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 60Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 61Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 62Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 64Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 66Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
Analog Integrated Circuit Device Data
64
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
Figure 13. 13892 USB Interface Block Diagram
OTG MODE (ON THE GO)
The ID detector is primarily used to determine if a mini-A
or mini-B style plug has been inserted into a mini-AB style
receptacle on the application. However, it also supports two
additional modes which are outside of the USB standards: a
factory mode, and a non-USB accessory mode. The state of
the ID detection can be read via the SPI to poll dedicated
sense bits for a floating, grounded, or factory mode condition
on the UID pin. There are also dedicated maskable interrupts
for each UID condition as well.
Since portable applications have limited capabilities, this
supplement to the USB2.0 specification was developed in
order to allow a portable device to take the role of a USB host.
In this mode of operation, SWBST is internally switched to
supply the VUSB regulator, and SWBST will drive VBUS from
the VUSBIN pin as long as VBUSEN pin is a logic high = 1.
According to the USB2.0 specification, the USB host is the
device where the USB Host Controller is installed, through
which it interacts with the USB devices. The USB host is
responsible for:
• Detecting the attachment and removal of USB devices.
• Managing control flow between the host and USB devices.
• Managing data flow between the host and USB devices.
• Collecting status and activity statistics.
• Providing power to attached USB devices.
When working in host mode, VUSB is supplied from the
VBUS wire of the USB cable (VBUS).
Parameter
Condition
Min
Typ
Max
Units
VBUS input impedance
As A_device
40
100
K
Ω
UID 220K Pull-up(57)
IDPUCNTRL=0, Resistor to VCORE
132
220
308
K
Ω
UID Pull-up(57)
IDPUCNTRL=1, Current source from VCORE
4.75
5
5.25
uA
UID Parallel Pull-up(57)
ID100KPU=1, Resistor to VCORE
60
100
140
K
Ω
Notes
57.
Note that the UID Pull-ups are not mutually exclusive of each other, they are independently controlled by their enable bits and thus
multiple pull-ups can be engaged simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com