Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
13892
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Charger and USB Input Voltage(1)
VCHRGR
-0.3 to 20
V
Serial LED Circuitry Voltages
VSWLED
-0.3 to 28
V
MODE pin Voltage
VMODE
-0.3 to 9.0
V
Battery Voltage
VBATT
-0.3 to 4.8
V
Coin Cell Voltage
VLICELL
-0.3 to 3.6
V
ESD Voltage(2)
Human Body Model - HBM with Mode pin excluded
VESD
±1500
V
THERMAL RATINGS
Ambient Operating Temperature Range
TA
-30 to +85
°C
Operating Junction Temperature Range
TJ
-30 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
THERMAL RESISTANCE
Peak Package Reflow Temperature During Reflow(3), (4)
TPPRT
Note 4
°C
Notes
1.
USB Input Voltage applies to UVBUS pin only
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0 pF).
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com