Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 7Page - SMSC Corporation EMC2113 Datasheet HTML 8Page - SMSC Corporation EMC2113 Datasheet HTML 9Page - SMSC Corporation EMC2113 Datasheet HTML 10Page - SMSC Corporation EMC2113 Datasheet HTML 11Page - SMSC Corporation EMC2113 Datasheet HTML 12Page - SMSC Corporation EMC2113 Datasheet HTML 13Page - SMSC Corporation EMC2113 Datasheet HTML 14Page - SMSC Corporation EMC2113 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
SMSC EMC2113
11
Revision 1.2 (10-08-09)
DATASHEET
Chapter 3 Pin Layout
Figure 3.1 EMC2113-1 Pin Diagram (16-Pin QFN)
Table 3.1 Pin Description for EMC2113-1
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1
DN1
Negative (cathode) analog input for External
Diode 1
AIO
2DP1
Positive (anode) analog input for External
Diode 1
AIO
3
VDD
Power Supply
Power
4
PWM_IN
PWM input signal from host
DI (5V)
5
ADDR_SEL
Address Select Input
AIO
6ALERT
Active low SMBus slave interrupt - requires
external pull-up resistor.
OD (5V)
7
SYS_SHDN
Active low Critical/Thermal Shutdown output -
requires external pull-up resistor
OD (5V)
EMC2113
16-pin QFN
2
3
4
12
11
10
DN1
DP1
VDD
SMCLK
TACH
PWM
9
1
GND
PWM_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com