Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 60 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 60 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 56Page - SMSC Corporation EMC2113 Datasheet HTML 57Page - SMSC Corporation EMC2113 Datasheet HTML 58Page - SMSC Corporation EMC2113 Datasheet HTML 59Page - SMSC Corporation EMC2113 Datasheet HTML 60Page - SMSC Corporation EMC2113 Datasheet HTML 61Page - SMSC Corporation EMC2113 Datasheet HTML 62Page - SMSC Corporation EMC2113 Datasheet HTML 63Page - SMSC Corporation EMC2113 Datasheet HTML 64Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
Revision 1.2 (10-08-09)
60
SMSC EMC2113
DATASHEET
transition of the actual fan operation as the desired fan speed changes. The Update Time is set as
shown in Table 7.35.
7.25
Fan Configuration 2 Register
The Fan Configuration 2 Register controls the tachometer measurement and advanced features of the
RPM-based Fan Speed Control Algorithm.
Bit 7 - TEMP_RR - Overrides max step controls for the FSC algorithm when any temperature exceeds
its respective high limit.
‘0’ (default) - All ramp rate control circuitry works at all times for the FSC algorithm or as determined
by the EN_RRC bit for manual mode.
‘1’ - If any measured temperature or the PWM Input Duty cycle meets or exceeds its respective
high limit, then the Fan Max Step register settings are not used and the FSC algorithm acts as if
the Max Step settings were at 3Fh. The device will continue to operate in this way until all
temperatures (and the PWM input duty cycle) have dropped below the respective high limit.
Bit 6 - EN_RRC - Enables ramp rate control when the fan driver is operated in the Direct Setting mode
or the Direct Setting with LUT mode.
‘0’ (default) - Ramp rate control is disabled. When the fan driver is operating in Direct Setting mode
or Direct Setting with LUT mode, the PWM setting will instantly transition to the next programmed
setting.
‘1’ - Ramp rate control is enabled. When the fan driver is operating in Direct Setting mode or Direct
Setting with LUT mode, the PWM setting will follow the ramp rate controls as determined by the
Fan Step and Update Time settings. The maximum PWM step is capped at the Fan Step setting
and is updated based on the Update Time as given by Table 7.35.
Table 7.35 Update Time
UPDATE[2:0]
UPDATE TIME
21
0
00
0
100ms
00
1
200ms
01
0
300ms
0
1
1
400ms (default)
10
0
500ms
10
1
800ms
1
1
0
1200ms
1
1
1
1600ms
Table 7.36 Fan Configuration 2 Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
43h
R/W
Fan
Configuration 2
TEMP_
RR
EN_
RRC
GLITCH_
EN
DER_OPT [1:0]
ERR_RNG:0]
-
28h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com