Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 57 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 53Page - SMSC Corporation EMC2113 Datasheet HTML 54Page - SMSC Corporation EMC2113 Datasheet HTML 55Page - SMSC Corporation EMC2113 Datasheet HTML 56Page - SMSC Corporation EMC2113 Datasheet HTML 57Page - SMSC Corporation EMC2113 Datasheet HTML 58Page - SMSC Corporation EMC2113 Datasheet HTML 59Page - SMSC Corporation EMC2113 Datasheet HTML 60Page - SMSC Corporation EMC2113 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
SMSC EMC2113
57
Revision 1.2 (10-08-09)
DATASHEET
7.20
Limit Registers
The EMC2113 contains high limits for all temperature channels. If any measurement meets or exceeds
the high limit then the appropriate status bit is set and the ALERT pin is asserted (if enabled).
Additionally, the EMC2113 contains low limits for all temperature channels. If the temperature channel
drops below the low limit, then the appropriate status bit is set and the ALERT pin is asserted (if
enabled).
All Limit Registers are Software Locked.
7.21
PWM Input Duty Cycle High Limit Register
The PWM Duty Cycle High Limit register stores a high limit on the Duty Cycle input on the PWM pin.
The data format for the register is the same as the PWM Input Duty Cycle register (see Section 7.5,
"PWM Input Duty Cycle Register") and it is compared at the sampling rate of the PWM Input duty cycle.
If the PWM Input Duty Cycle meets or exceeds this limit, then the PWM status bit is set (see Section
7.13, "Interrupt Status Register") and the ALERT pin is asserted. This is treated as a temperature limit
by the Fan Control circuitry.
Table 7.28 Limit Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
30h
R/W
External Diode
1 High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
31h
R/W
External Diode
2 High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
32h
R/W
External Diode
3 High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
34h
R/W
Internal Diode
High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
38h
R/W
External Diode
1 Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
39h
R/W
External Diode
2 Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
3Ah
R/W
External Diode
3 Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
3Ch
R/W
Internal Diode
Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
Table 7.29 PWM Duty Cycle High Limit Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
3Dh
R/W
PWM Input
Duty Cycle
High Limit
-64
32
16
8
4
2
1
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com