| Electronic Components Datasheet Search |
|
EMC2113 Datasheet(PDF) 23 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMC2113 Datasheet(HTML) 23 Page - SMSC Corporation |
|
23 / 85 page ![]() RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown Datasheet SMSC EMC2113 23 Revision 1.2 (10-08-09) DATASHEET 6.1 Critical/Thermal Shutdown The EMC2113 provides a hardware Critical/Thermal Shutdown function for systems. Figure 6.2 is a block diagram of this Critical/Thermal Shutdown function. The Critical/Thermal Shutdown function accepts configuration information from the pullup resistor of the SHDN_SEL pin. The analog portion of the Critical/Thermal Shutdown function monitors the hardware determined shutdown channel. This measured temperature is then compared with TRIP_SET point. This TRIP_SET point is set by the system designer with a single external resistor. The SYS_SHDN is asserted when the indicated temperature meets or exceeds the temperature threshold (TTRIP) established by the TRIP_SET input pin for a number of consecutive measurements defined by the fault queue. Each of the software programmed temperature limits can be optionally configured to act as inputs to the Critical/Thermal Shutdown independent of the hardware shutdown operation. When configured to operate this way, the SYS_SHDN pin will be asserted when the temperature meets or exceeds the programmed Tcrit Limit for the enabled channel (see Section 7.10). 6.1.1 SYS_SHDN Pin The SYS_SHDN pin is an active low dedicated system interrupt. This pin is asserted low when: 1. The programmed temperature channel (see Section 6.1.2) exceeds the hardware set limit (see Section 6.1.3). 2. Any of the measured temperature channels meet or exceed their programmed TCRIT limits and have been linked to the SYS_SHDN pin (see Section 7.10). 3. Any of the measured temperature channels meet or exceed their programmed High limits and have been linked to the SYS_SHDN pin (see Section 7.11). Figure 6.2 Block Diagram of Critical/Thermal Shutdown Voltage Conversion SYS_SHDN External Diode 1 Critical Shutdown Logic S/W Set Sensor External 2 Temp S/W Set Sensor External 3 Temp S/W SHUTDOWN Temperature Conversion and Tcrit. Registers SMBus Config. S/W_SHUTDOWN S/W Set Sensor Internal Temp Configuration Registers VREF TRIP_SET SHDN_SEL PIN Decode H/W SHUTDOWN Temperature Conversion H/W_SHUTDOWN External Diode 2 Internal Diode S/W Set Sensor External 1 Temp |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |