Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 56 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 52Page - SMSC Corporation EMC2113 Datasheet HTML 53Page - SMSC Corporation EMC2113 Datasheet HTML 54Page - SMSC Corporation EMC2113 Datasheet HTML 55Page - SMSC Corporation EMC2113 Datasheet HTML 56Page - SMSC Corporation EMC2113 Datasheet HTML 57Page - SMSC Corporation EMC2113 Datasheet HTML 58Page - SMSC Corporation EMC2113 Datasheet HTML 59Page - SMSC Corporation EMC2113 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
Revision 1.2 (10-08-09)
56
SMSC EMC2113
DATASHEET
7.18
PWM Driver Configuration Register
The PWM Driver Configuration Register controls the output type and polarity of the PWM fan drive
output.
Bit 4 - PWM_OT - Determines the output type for the PWM pin.
‘0’ (default) - The PWM pin is configured as an open drain output.
‘1’ - The PWM pin is configured as a push-pull output.
Bit 0 - POLARITY - Determines the polarity of the PWM pin.
‘0’ (default) - the Polarity of the PWM output driver is normal. A drive setting of 00h will cause the
output to be set at 0% duty cycle and a drive setting of FFh will cause the output to be set at 100%
duty cycle.
‘1’ - The Polarity of the PWM output driver is inverted. A drive setting of 00h will cause the output
to be set at 100% duty cycle and a drive setting of FFh will cause the output to be set at 0% duty
cycle.
7.19
PWM Driver Base Frequency Register
The PWM Driver Base Frequency Register controls base frequency of the PWM driver output.
Bits 1-0 - PWM_BASE[1:0] - Determines the base frequency of the PWM output driver.
Table 7.25 PWM Driver Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Ah
R/W
PWM Driver
Config
--
-
PWM_
OT
-
-
-
POLARITY
00h
Table 7.26 PWM Driver Base Frequency Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Bh
R/W
PWM Driver
Base
Frequency
-
-
-
-
-
-
PWM_BASE[1:0]
00h
Table 7.27 PWM_BASEx[1:0] it Decode
PWM_BASE[1:0]
BASE FREQUENCY
10
0
0
26.00kHz (default)
0
1
19.531kHz
1
0
4,882Hz
1
1
2,441Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com