Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP256LN Datasheet(PDF) 35 Page - Power Integrations, Inc.

Part # TOP256LN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP256LN Datasheet(HTML) 35 Page - Power Integrations, Inc.

Back Button TOP256LN Datasheet HTML 31Page - Power Integrations, Inc. TOP256LN Datasheet HTML 32Page - Power Integrations, Inc. TOP256LN Datasheet HTML 33Page - Power Integrations, Inc. TOP256LN Datasheet HTML 34Page - Power Integrations, Inc. TOP256LN Datasheet HTML 35Page - Power Integrations, Inc. TOP256LN Datasheet HTML 36Page - Power Integrations, Inc. TOP256LN Datasheet HTML 37Page - Power Integrations, Inc. TOP256LN Datasheet HTML 38Page - Power Integrations, Inc. TOP256LN Datasheet HTML 39Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Rev. F 01/09
35
TOP252-262
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Circuit Protection
Self Protection
Current Limit
(See Note C)
I
LIMIT
TOP252PN/GN/MN
T
J = 25 °C
di/dt = 45 mA/
μs
0.400
0.43
0.460
A
TOP252EN
T
J = 25 °C
di/dt = 90 mA/
μs
0.400
0.43
0.460
TOP253PN/GN
T
J = 25 °C
di/dt = 80 mA/
μs
0.697
0.75
0.803
TOP253MN
T
J = 25 °C
di/dt = 90 mA/
μs
0.790
0.85
0.910
TOP253EN
T
J = 25 °C
di/dt = 180 mA/
μs
0.790
0.85
0.910
TOP254PN/GN
T
J = 25 °C
di/dt = 105 mA/
μs
0.93
1.00
1.07
TOP254MN
T
J = 25 °C
di/dt = 135 mA/
μs
1.209
1.30
1.391
TOP254YN/EN
T
J = 25 °C
di/dt = 270 mA/
μs
1.209
1.30
1.391
TOP255PN/GN
T
J = 25 °C
di/dt = 120 mA/
μs
1.069
1.15
1.231
TOP255MN
T
J = 25 °C
di/dt = 175 mA/
μs
1.581
1.70
1.819
TOP255LN
T
J = 25 °C
di/dt = 350 mA/
μs
1.581
1.70
1.819
TOP255YN/EN
T
J = 25 °C
di/dt = 350 mA/
μs
1.581
1.70
1.819
TOP256PN/GN
T
J = 25 °C
di/dt = 140 mA/
μs
1.255
1.35
1.445
TOP256MN
T
J = 25 °C
di/dt = 220 mA/
μs
1.953
2.10
2.247
TOP256LN
T
J = 25 °C
di/dt = 435 mA/
μs
1.953
2.10
2.247
TOP256YN/EN
T
J = 25 °C
di/dt = 530 mA/
μs
2.371
2.55
2.729
TOP257PN/GN
T
J = 25 °C
di/dt = 155 mA/
μs
1.395
1.50
1.605
TOP257MN
T
J = 25 °C
di/dt = 265 mA/
μs
2.371
2.55
2.729
TOP257LN
T
J = 25 °C
di/dt = 530 mA/
μs
2.371
2.55
2.729
TOP257YN/EN
T
J = 25 °C
di/dt = 705 mA/
μs
3.162
3.40
3.638
TOP258PN/GN
T
J = 25 °C
di/dt = 170 mA/
μs
1.534
1.65
1.766
TOP258MN
T
J = 25 °C
di/dt = 310 mA/
μs
2.790
3.00
3.210
TOP258LN
T
J = 25 °C
di/dt = 620 mA/
μs
2.790
3.00
3.210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com