Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP256LN Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP256LN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP256LN Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP256LN Datasheet HTML 8Page - Power Integrations, Inc. TOP256LN Datasheet HTML 9Page - Power Integrations, Inc. TOP256LN Datasheet HTML 10Page - Power Integrations, Inc. TOP256LN Datasheet HTML 11Page - Power Integrations, Inc. TOP256LN Datasheet HTML 12Page - Power Integrations, Inc. TOP256LN Datasheet HTML 13Page - Power Integrations, Inc. TOP256LN Datasheet HTML 14Page - Power Integrations, Inc. TOP256LN Datasheet HTML 15Page - Power Integrations, Inc. TOP256LN Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Rev. F 01/09
12
TOP252-262
www.powerint.com
Figure 12. MULTI-FUNCTION (P and G package). VOLTAGE MONITOR and EXTERNAL CURRENT LIMIT (Y, E/L and M package) Pin Characteristics.
-250
-200
-150
-100
-50
0
25
50
75
100
125
336
PI-4646-071708
Output
MOSFET
Switching
(Enabled)
(Disabled)
(Non-Latching)
(Latching)
ILIMIT (Default)
DCMAX (78%)
Current
Limit
M Pin
V Pin
X Pin
Maximum
Duty Cycle
VBG
I
I
I
I
IUV
IREM(N)
IOV
IOV(LS)
Pin Voltage
Note: This figure provides idealized functional characteristics with typical performance values. Please refer to the parametric
table and typical performance characteristics sections of the data sheet for measured data. For a detailed description of
each functional pin operation refer to the Functional Description section of the data sheet.
X and V Pins (Y, E, L and M Packages) and M Pin (P and G Packages) Current (
μA)
Disabled when supply
output goes out of
regulation
The circuit examples shown in Figures 41, 42 and 43 show a
simple method for implementing the primary sensed over-
voltage protection.
During a fault condition resulting from loss of feedback, output
voltage will rapidly rise above the nominal voltage. The increase
in output voltage will also result in an increase in the voltage at
the output of the bias winding. A voltage at the output of the
bias winding that exceeds of the sum of the voltage rating of the
Zener diode connected from the bias winding output to the
V-pin (or M-pin) and V-pin (or M-pin) voltage, will cause a
current in excess of I
V or IM to be injected into the V-pin
(or M-pin), which will trigger the OVP feature.
The primary sensed OVP protection circuit shown in Figures 41,
42 and 43 is triggered by a significant rise in output voltage (and
therefore bias winding voltage). If the power supply is operating
under heavy load or low input line conditions when an open
loop occurs, the output voltage may not rise significantly.
Under these conditions, a latching shutdown will not occur until
load or line conditions change. Nevertheless, the operation
provides the desired protection by preventing significant rise in
the output voltage when the line or load conditions do change.
Primary side OVP protection with the TOPSwitch-HX in a typical
application will prevent a nominal 12 V output from rising above
approximately 20 V under open loop conditions. If greater
accuracy is required, a secondary sensed OVP circuit is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com