Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP256LN Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP256LN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP256LN Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP256LN Datasheet HTML 7Page - Power Integrations, Inc. TOP256LN Datasheet HTML 8Page - Power Integrations, Inc. TOP256LN Datasheet HTML 9Page - Power Integrations, Inc. TOP256LN Datasheet HTML 10Page - Power Integrations, Inc. TOP256LN Datasheet HTML 11Page - Power Integrations, Inc. TOP256LN Datasheet HTML 12Page - Power Integrations, Inc. TOP256LN Datasheet HTML 13Page - Power Integrations, Inc. TOP256LN Datasheet HTML 14Page - Power Integrations, Inc. TOP256LN Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Rev. F 01/09
11
TOP252-262
www.powerint.com
Line Overvoltage Shutdown (OV)
The same resistor used for UV also sets an overvoltage
threshold, which, once exceeded, will force TOPSwitch-HX to
stop switching instantaneously (after completion of the current
switching cycle). If this condition lasts for at least 100
μs, the
TOPSwitch-HX output will be forced into off state. Unlike with
TOPSwitch-GX, however, when the line voltage is back to
normal with a small amount of hysteresis provided on the OV
threshold to prevent noise triggering, the state machine sets to
S13 and forces TOPSwitch-HX to go through the entire auto-
restart sequence before attempting to switch again. The ratio
of OV and UV thresholds is preset at 4.5, as can be seen in
Figure 12. When the MOSFET is off, the rectified DC high
voltage surge capability is increased to the voltage rating of the
MOSFET (700 V), due to the absence of the reflected voltage
and leakage spikes on the drain. The OV feature can be
disabled independent of the UV feature.
In order to reduce the no-load input power of TOPSwitch-HX
designs, the V-pin (or M-pin for P Package) operates at very low
currents. This requires careful layout considerations when
designing the PCB to avoid noise coupling. Traces and
components connected to the V-pin should not be adjacent to
any traces carrying switching currents. These include the drain,
clamp network, bias winding return or power traces from other
converters. If the line sensing features are used, then the sense
resistors must be placed within 10 mm of the V-pin to minimize
the V-pin node area. The DC bus should then be routed to the
line sense resistors. Note that external capacitance must not
be connected to the V-pin as this may cause misoperaton of the
V pin related functions.
Hysteretic or Latching Output Overvoltage Protection (OVP)
The detection of the hysteretic or latching output overvoltage
protection (OVP) is through the trigger of the line overvoltage
threshold. The V-pin or M-pin voltage will drop by 0.5 V, and
the controller measures the external attached impedance
immediately after this voltage drops. If I
V or IM exceeds IOV(LS)
(336
μA typical) longer than 100 μs, TOPSwitch-HX will latch
into a permanent off state for the latching OVP. It only can be
reset if V
V or VM goes below 1 V or VC goes below the power-
up-reset threshold (V
C(RESET)) and then back to normal.
If I
V or IM does not exceed IOV(LS) or exceeds no longer than
100
μs, TOPSwitch-HX will initiate the line overvoltage and the
hysteretic OVP. Their behavior will be identical to the line
overvoltage shutdown (OV) that has been described in detail in
the previous section.
Voltage Monitor and External Current Limit Pin Table*
Figure Number
16
17
18
19
20
21
22
23
24
25
26
27
28
Three Terminal Operation
✓
Line Undervoltage
✓✓✓✓
✓✓
Line Overvoltage
✓✓✓
✓
✓
✓
Line Feed-Forward (DC
MAX)
✓✓✓
✓✓
Output Overvoltage Protection
✓✓
Overload Power Limiting
✓
External Current Limit
✓✓
✓✓✓
Remote ON/OFF
✓✓✓
Device Reset
✓
*This table is only a partial list of many VOLTAGE MONITOR and EXTERNAL CURRENT LIMIT Pin Configurations that are possible.
Table 2.
VOLTAGE MONITOR (V) Pin and EXTERNAL CURRENT LIMIT (X) Pin Configuration Options.
Multi-Function Pin Table*
Figure Number
29
30
31
32
33
34
35
36
37
38
39
40
Three Terminal Operation
✓
Line Undervoltage
✓✓✓✓
Line Overvoltage
✓✓✓
✓
Line Feed-Forward (DC
MAX)
✓✓✓
Output Overvoltage Protection
✓✓
Overload Power Limiting
✓
External Current Limit
✓✓
✓✓
Remote ON/OFF
✓✓✓
Device Reset
✓
*This table is only a partial list of many MULTI-FUNCTIONAL Pin Configurations that are possible.
Table 3.
MULTI-FUNCTION (M) Pin Configuration Options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com