Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP256LN Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP256LN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP256LN Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP256LN Datasheet HTML 1Page - Power Integrations, Inc. TOP256LN Datasheet HTML 2Page - Power Integrations, Inc. TOP256LN Datasheet HTML 3Page - Power Integrations, Inc. TOP256LN Datasheet HTML 4Page - Power Integrations, Inc. TOP256LN Datasheet HTML 5Page - Power Integrations, Inc. TOP256LN Datasheet HTML 6Page - Power Integrations, Inc. TOP256LN Datasheet HTML 7Page - Power Integrations, Inc. TOP256LN Datasheet HTML 8Page - Power Integrations, Inc. TOP256LN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TOP252-262
TOPSwitch-HX Family
www.powerint.com
January 2009
Enhanced EcoSmart
®, Integrated Off-Line Switcher with
Advanced Feature Set and Extended Power Range
®
Product Highlights
Lower System Cost, Higher Design Flexibility
Multi-mode operation maximizes efficiency at all loads
New eSIP-7F and eSIP-7C packages
Low thermal impedance junction-to-case (2 °C per watt)
Low height is ideal for adapters where space is limited
Simple mounting using a clip to aid low cost manufacturing
Horizontal eSIP-7F package ideal for ultra low height adapter
and monitor applications
Extended package creepage distance from DRAIN pin to
adjacent pin and to heat sink
No heatsink required up to 35 W using P, G and M packages
with universal input voltage and up to 48 W at 230 VAC
Output overvoltage protection (OVP) is user programmable for
latching/non-latching shutdown with fast AC reset
Allows both primary and secondary sensing
Line undervoltage (UV) detection prevents turn-off glitches
Line overvoltage (OV) shutdown extends line surge limit
Accurate programmable current limit
Optimized line feed-forward for line ripple rejection
132 kHz frequency (254Y-258Y and all E/L packages) reduces
transformer and power supply size
Half frequency option for video applications
Frequency jittering reduces EMI filter cost
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Figure 1.
Typical Flyback Application.
Heatsink is connected to SOURCE for low EMI
Improved auto-restart delivers <3% of maximum power in
short circuit and open loop fault conditions
Accurate hysteretic thermal shutdown function automatically
recovers without requiring a reset
Fully integrated soft-start for minimum start-up stress
Extended creepage between DRAIN and all other pins
improves field reliability
•
•
•
•
•
PI-4510-100206
AC
IN
DC
OUT
D
S
C
TOPSwitch-HX
CONTROL
V
+
-
F
X
Output Power Table
Product5
230 VAC ±15%4
85-265 VAC
Adapter1
Open
Frame2
Peak3
Adapter1
Open
Frame2
Peak3
TOP252PN/GN
9 W
15 W
21 W
6 W
10 W
13 W
TOP252MN
21 W
13 W
TOP253PN/GN
15 W
25 W
38 W
9 W
15 W
25 W
TOP253MN
43 W
29 W
TOP254PN/GN
16 W
28 W
47 W
11 W
20 W
30 W
TOP254MN
62 W
40 W
TOP255PN/GN
19 W
30 W
54 W
13 W
22 W
35 W
TOP255MN
81 W
52 W
TOP256PN/GN
21 W
34 W
63 W
15 W
26 W
40 W
TOP256MN
98 W
64 W
TOP257PN/GN
25 W
41 W
70 W
19 W
30 W
45 W
TOP257MN
119 W
78 W
TOP258PN/GN
29 W
48 W
77 W
22 W
35 W
50 W
TOP258MN
140 W
92 W
Table 1.
Output Power Table. (for notes see page 2).
Product5
230 VAC ±15%
85-265 VAC
Adapter1
Open
Frame2
Adapter1
Open
Frame2
TOP252EN
10 W
21 W
6 W
13 W
TOP253EN
21 W
43 W
13 W
29 W
TOP254EN/YN
30 W
62 W
20 W
43 W
TOP255EN/YN
40 W
81 W
26 W
57 W
TOP255LN
40 W
81 W
26 W
57 W
TOP256EN/YN7
60 W
119 W
40 W
86 W
TOP256LN
60 W
88 W
40 W
64 W
TOP257EN/YN
85 W
157 W
55 W
119 W
TOP257LN
85 W
105 W
55 W
78 W
TOP258EN/YN
105 W
195 W
70 W
148 W
TOP258LN
105 W
122 W
70 W
92 W
TOP259EN/YN
128 W
238 W
80 W
171 W
TOP259LN
128 W
162 W
80 W
120 W
TOP260EN/YN
147 W
275 W
93 W
200 W
TOP260LN
147 W
190 W
93 W
140 W
TOP261EN/YN
177 W
333 W
118 W
254 W
TOP261LN
177 W
244 W
118 W
177 W
TOP262EN6
177 W
333 W
118 W
254 W
TOP262LN6
177 W
244 W
118 W
177 W


Similar Part No. - TOP256LN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP256LN POWERINT-TOP256LN Datasheet
1Mb / 49P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP256LN POWERINT-TOP256LN Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
December 2021
TOP256LN-TL POWERINT-TOP256LN-TL Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
December 2021
More results

Similar Description - TOP256LN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP257YN POWERINT-TOP257YN Datasheet
2Mb / 48P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP261YN POWERINT-TOP261YN Datasheet
1Mb / 49P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP258MG POWERINT-TOP258MG Datasheet
2Mb / 48P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP259YN POWERINT-TOP259YN Datasheet
2Mb / 48P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP260YN POWERINT-TOP260YN Datasheet
3Mb / 51P
Enhanced EcoSmart?? Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP257EG POWERINT-TOP257EG Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP254 POWERINT-TOP254 Datasheet
1Mb / 42P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP252 POWERINT-TOP252 Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com