Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP256LN Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # TOP256LN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP256LN Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button TOP256LN Datasheet HTML 15Page - Power Integrations, Inc. TOP256LN Datasheet HTML 16Page - Power Integrations, Inc. TOP256LN Datasheet HTML 17Page - Power Integrations, Inc. TOP256LN Datasheet HTML 18Page - Power Integrations, Inc. TOP256LN Datasheet HTML 19Page - Power Integrations, Inc. TOP256LN Datasheet HTML 20Page - Power Integrations, Inc. TOP256LN Datasheet HTML 21Page - Power Integrations, Inc. TOP256LN Datasheet HTML 22Page - Power Integrations, Inc. TOP256LN Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Rev. F 01/09
19
TOP252-262
www.powerint.com
PI-4729-120307
DC
Input
Voltage
Sense Output Voltage
+
-
DM
S
C
V
UV = IUV × RLS +VM (IM = IUV)
V
OV =IOV ×RLS +VM (IM = IOV)
For R
LS = 4 M
V
UV = 102.8 VDC
V
OV = 451 VDC
DC
MAX @ 100 VDC = 76%
DC
MAX @ 375 VDC = 41%
CONTROL
R
LS
4 M
Figure 31. Line Sensing for Undervoltage, Overvoltage, Line Feed-Forward and
Latched Output Overvoltage Protection.
PI-4730-120307
DC
Input
Voltage
Sense Output Voltage
+
-
DM
S
C
V
UV = IUV × RLS +VM (IM = IUV)
V
OV =IOV ×RLS +VM (IM = IOV)
For R
LS = 4 M
V
UV = 102.8 VDC
V
OV = 451 VDC
DC
MAX @ 100 VDC = 76%
DC
MAX @ 375 VDC = 41%
CONTROL
R
LS
4 M
VR
OVP
ROVP
R
OVP >3k
Figure 32. Line Sensing for Undervoltage, Overvoltage, Line Feed-Forward and
Hysteretic Output Overvoltage Protection.
PI-4731-120307
DC
Input
Voltage
+
-
DM
S
C
V
UV = RLS × IUV +VM (IM = IUV)
For Values Shown
V
UV = 103.8 VDC
R
LS
6.2 V
4 M
40 k
CONTROL
PI-4732-120307
DC
Input
Voltage
+
-
DM
S
C
V
OV = IOV ×RLS +VM (IM = IOV)
For Values Shown
V
OV = 457.2 VDC
CONTROL
R
LS
1N4148
4 M
55 k
Figure 33. Line Sensing for Undervoltage Only (Overvoltage Disabled).
Figure 34. Line Sensing for Overvoltage Only (Undervoltage Disabled). Maximum
Duty Cycle Reduced at Low Line and Further Reduction with
Increasing Line Voltage.
Typical Uses of MULTI-FUNCTION (M) Pin (cont.)
Figure 35. Externally Set Current Limit (Not Normally Required – See M Pin
Operation Description).
PI-4733-021308
DC
Input
Voltage
+
-
DM
S
C
For R
IL = 12 k
I
LIMIT = 61%
CONTROL
R
IL
See Figures 55b for other
resistor values (R
IL) to
select different I
LIMIT values.
For R
IL = 19 k
I
LIMIT = 37%
PI-4734-092107
DC
Input
Voltage
+
-
DM
S
C
CONTROL
R
IL
R
LS
2.5 M
6 k
100% @ 100 VDC
53% @ 300 VDC
I
LIMIT =
I
LIMIT =
Figure 36. Current Limit Reduction with Line Voltage (Not Normally Required –
See M Pin Operation Description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com