Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP256LN Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TOP256LN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP256LN Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TOP256LN Datasheet HTML 14Page - Power Integrations, Inc. TOP256LN Datasheet HTML 15Page - Power Integrations, Inc. TOP256LN Datasheet HTML 16Page - Power Integrations, Inc. TOP256LN Datasheet HTML 17Page - Power Integrations, Inc. TOP256LN Datasheet HTML 18Page - Power Integrations, Inc. TOP256LN Datasheet HTML 19Page - Power Integrations, Inc. TOP256LN Datasheet HTML 20Page - Power Integrations, Inc. TOP256LN Datasheet HTML 21Page - Power Integrations, Inc. TOP256LN Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Rev. F 01/09
18
TOP252-262
www.powerint.com
Typical Uses of VOLTAGE MONITOR (V) and EXTERNAL CURRENT LIMIT (X) Pins (cont.)
PI-4727-061207
DC
Input
Voltage
+
-
D
S
C
CONTROL
M
D
SS
S
DS
C
S
C
M
PI-4728-120307
DC
Input
Voltage
+
-
DM
S
C
V
UV = IUV × RLS +VM (IM = IUV)
V
OV =IOV ×RLS +VM (IM = IOV)
For R
LS = 4 M
V
UV = 102.8 VDC
V
OV = 451 VDC
DC
MAX @ 100 VDC = 76%
DC
MAX @ 375 VDC = 41%
CONTROL
R
LS
4 M
Figure 29. Three Terminal Operation (MULTI-FUNCTION Features Disabled).
Figure 30. Line Sensing for Undervoltage, Overvoltage and Line Feed-Forward.
Figure 28. Line-Sensing for Undervoltage, Overvoltage, Line Feed-Forward and
Latched Output Overvoltage Protection with Device Reset.
PI-4756-121007
DC
Input
Voltage
Sense Output Voltage
+
-
DV
S
C
V
UV = IUV × RLS +VV (IV = IUV)
V
OV =IOV ×RLS +VV (IV = IOV)
For R
LS = 4 M
V
UV = 102.8 VDC
V
OV = 451 VDC
DC
MAX @ 100 VDC = 76%
DC
MAX @ 375 VDC = 41%
CONTROL
R
LS
4 M
10 k
Reset
Q
R
Typical Uses of MULTI-FUNCTION (M) Pin
X
ON/OFF
16 k
PI-4725-011008
DC
Input
Voltage
+
-
D
S
C
CONTROL
V
R
IL
R
LS
Q
R
4 M
V
UV = IUV × RLS +VV (IV = IUV)
V
OV =IOV ×RLS +VV (IV = IoV)
DC
MAX@100 VDC = 76%
DC
MAX@375 VDC = 41%
12 k
For R
IL =
I
LIMIT = 61%
Q
R can be an optocoupler
output or can be replaced
by a manual switch.
TOP259-261YN would
use the G pin as the
return for Q
R.
X
DC
Input
Voltage
+
-
D
S
C
CONTROL
V
R
IL
R
LS
12 k
4 M
V
UV = IUV x RLS +VV (IV = IUV)
V
OV =IOV xRLS +VV (IV = IoV)
For R
LS =4M
DC
MAX @ 100 VDC = 76%
DC
MAX @ 375 VDC = 41%
For R
IL = 12 k
I
LIMIT = 61%
See Figure 55b for
other resistor values
(R
IL) to select different
I
LIMIT values.
V
UV = 102.8 VDC
V
OV = 451 VDC
TOP259-261YN would
use the G pin as the
return for R
IL.
Figure 26. Active-on Remote ON/OFF with Line-Sense and External
Current Limit.
Figure 27. Line Sensing and Externally Set Current Limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com